Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4D261638E-TC40 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K4D261638E-TC40
Description  2M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4D261638E-TC40 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K4D261638E-TC40 Datasheet HTML 6Page - Samsung semiconductor K4D261638E-TC40 Datasheet HTML 7Page - Samsung semiconductor K4D261638E-TC40 Datasheet HTML 8Page - Samsung semiconductor K4D261638E-TC40 Datasheet HTML 9Page - Samsung semiconductor K4D261638E-TC40 Datasheet HTML 10Page - Samsung semiconductor K4D261638E-TC40 Datasheet HTML 11Page - Samsung semiconductor K4D261638E-TC40 Datasheet HTML 12Page - Samsung semiconductor K4D261638E-TC40 Datasheet HTML 13Page - Samsung semiconductor K4D261638E-TC40 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
128M DDR SDRAM
K4D261638E
- 10 -
Rev. 1.2 (Jul. 2003)
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Note :
POWER & DC OPERATING CONDITIONS(SSTL_2 In/Out)
Recommended operating conditions(Voltage referenced to VSS=0V, TA=0 to 65
°C)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Device Supply voltage
VDD
2.375
2.50
2.625
V
1,7
Output Supply voltage
VDDQ
2.375
2.50
2.625
V
1,7
Reference voltage
VREF
0.49*VDDQ
-
0.51*VDDQ
V2
Termination voltage
Vtt
VREF-0.04
VREF
VREF+0.04
V
3
Input logic high voltage
VIH(DC)
VREF+0.15
-
VDDQ+0.30
V
4
Input logic low voltage
VIL(DC)
-0.30
-
VREF-0.15
V
5
Output logic high voltage
VOH
Vtt+0.76
-
-
V
IOH=-15.2mA
Output logic low voltage
VOL
-
-
Vtt-0.76
V
IOL=+15.2mA
Input leakage current
IIL
-5
-
5
uA
6
Output leakage current
IOL
-5
-
5
uA
6
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-0.5 ~ 3.6
V
Voltage on VDD supply relative to Vss
VDD
-1.0 ~ 3.6
V
Voltage on VDD supply relative to Vss
VDDQ
-0.5 ~ 3.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
2.0
W
Short circuit current
IOS
50
mA
1. Under all conditions VDDQ must be less than or equal to VDD.
2. VREF is expected to equal 0.50*VDDQ of the transmitting device and to track variations in the DC level of the same. Peak to
peak noise on the VREF may not exceed + 2% of the DC value. Thus, from 0.50*VDDQ, VREF is allowed + 25mV for DC error
and an additional + 25mV for AC noise.
3. Vtt of the transmitting device must track VREF of the receiving device.
4. VIH(max.)= VDDQ +1.5V for a pulse width and it can not be greater than 1/3 of the cycle rate.
5. VIL(mim.)= -1.5V for a pulse width and it can not be greater than 1/3 of the cycle rate.
6. For any pin under test input of 0V < VIN < VDD is acceptable. For all other pins that are not under test VIN=0V.
7. For the K4D261638E-TC2A, VDD & VDDQ = 2.8V+0.1V
Note :


Similar Part No. - K4D261638E-TC40

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D261638 SAMSUNG-K4D261638 Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
K4D261638F SAMSUNG-K4D261638F Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
K4D261638F-TC25 SAMSUNG-K4D261638F-TC25 Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
K4D261638F-TC2A SAMSUNG-K4D261638F-TC2A Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
K4D261638F-TC33 SAMSUNG-K4D261638F-TC33 Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
More results

Similar Description - K4D261638E-TC40

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D64163HF SAMSUNG-K4D64163HF Datasheet
162Kb / 16P
   1M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
logo
List of Unclassifed Man...
TTS3816B4E ETC1-TTS3816B4E Datasheet
274Kb / 8P
   2M x 16Bit x 4 Banks synchronous DRAM
logo
Samsung semiconductor
K4S281632B-N SAMSUNG-K4S281632B-N Datasheet
64Kb / 8P
   2M x 16Bit x 4 Banks Synchronous DRAM in sTSOP
K4S281632B SAMSUNG-K4S281632B Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632M SAMSUNG-K4S281632M Datasheet
87Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030B SAMSUNG-KM416S8030B Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632C SAMSUNG-K4S281632C Datasheet
47Kb / 9P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632C SAMSUNG-K4S281632C Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632D SAMSUNG-K4S281632D Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com