Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

255D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 255D
Description  Organic Polymer, Low ESR, Tantalum Capacitors Commercial, Surface Mount Capacitors for Switch Mode Power Supplies and Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

255D Datasheet(HTML) 1 Page - Vishay Siliconix

  255D Datasheet HTML 1Page - Vishay Siliconix 255D Datasheet HTML 2Page - Vishay Siliconix 255D Datasheet HTML 3Page - Vishay Siliconix 255D Datasheet HTML 4Page - Vishay Siliconix 255D Datasheet HTML 5Page - Vishay Siliconix 255D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 40052
Revision 04-Feb-03
www.vishay.com
2
Type 255D
Vishay Sprague
FEATURES
• Conductive polymer cathode technology
• Low ESR
• No-ignition failure mode
• EIA standard case sizes
• 100% surge current tested
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55
°C to + 105°C
Capacitance Range: 100
µF to 220µF
Capacitance Tolerance:
± 20% standard
Voltage Rating: 4WVDC to 10WVDC
DIMENSIONS in inches [millimeters]
CASE
EIA
L
W
H
P
Tw
TH(Min.)
D
7343
0.287
± 0.012
0.170
± 0.012
0.110
± 0.012
0.051
± 0.012
0.095
± 0.012
0.039
[7.3
± 0.3]
[4.3
± 0.3]
[2.8
± 0.3]
[1.3
± 0.3]
[2.4
± 0.1]
[1.0]
TH Min.
L
H
Tw
W
P
Organic Polymer, Low ESR, Tantalum Capacitors
Commercial, Surface Mount Capacitors for
Switch Mode Power Supplies and Converters


Similar Part No. - 255D

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
255DCN5R4Q ILLINOISCAPACITOR-255DCN5R4Q Datasheet
404Kb / 2P
   Super Capacitors
255DCN5R4Q ILLINOISCAPACITOR-255DCN5R4Q Datasheet
247Kb / 3P
   Very fast charge/discharge High power density IEC 62391 compliant
255DCN5R5Q ILLINOISCAPACITOR-255DCN5R5Q Datasheet
334Kb / 5P
   Very fast charge/discharge ??High power density ??IEC 62391
255DCN5R5Q ILLINOISCAPACITOR-255DCN5R5Q Datasheet
137Kb / 1P
   Supercapacitor
More results

Similar Description - 255D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D VISHAY-593D Datasheet
148Kb / 11P
   Solid Tantalum Chip Capacitors Tantamount Commercial, Surface Mount for Switch Mode Power Supplies and Converters
Revision 01-Mar-04
logo
Kemet Corporation
T494T336M004AT KEMET-T494T336M004AT_16 Datasheet
1Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045_17 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
logo
Vishay Siliconix
DLA20021 VISHAY-DLA20021 Datasheet
598Kb / 15P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR
logo
AVX Corporation
ML03211R8PAT2A AVX-ML03211R8PAT2A Datasheet
127Kb / 1P
   Organic Passive Components Low ESR Microwave Capacitors
logo
Kemet Corporation
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
logo
Vishay Siliconix
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com