Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20606L Datasheet(PDF) 5 Page - Texas Instruments

Part # 20606L
Description  Snap-Action Automatic and Manual reset Fixed Temperature Thermostats
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

20606L Datasheet(HTML) 5 Page - Texas Instruments

  20606L Datasheet HTML 1Page - Texas Instruments 20606L Datasheet HTML 2Page - Texas Instruments 20606L Datasheet HTML 3Page - Texas Instruments 20606L Datasheet HTML 4Page - Texas Instruments 20606L Datasheet HTML 5Page - Texas Instruments 20606L Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
20600 Series Preferred Physical Construction
Other Physical Constructions
1.797 (45.64) MAX
20601 / 04 / 08 F or L Small Oval Top Flange at 90o
1/4” Quick Connect Terminals
Exposed Disc
Enclosed Disc
.062 (1.57)
.172
(4.37)
90o ±5o
PART NO.
DATE CODE
2.000
(50.80)
.172
(4.37)
.062 (1.57)
1.563
(39.70)
1.105
(28.07) MAX
1.797 (45.64) MAX
.937 (23.80) DIA MAX
1.500 (38.10)
.381 (19.68)
.937 (23.80) DIA MAX
1.500 (38.10)
1.074
(27.28) MAX
.350 (8.89)
20601 / 04
No Flange Cup
Thru-Wall Mounting
Forked Terminals
20600D
Single-Pole, Double-Throw
Small Oval Top Flange
at 90o Rotation
Quick-Connect Terminals
20601 / 04 / 06 / 08
Small Oval Bottom Flange
at 90o Rotation
Quick-Connect Terminals
20601 / 04
Small Oval Flange
3/4” Depth Cup
Quick-Connect Terminals
20611 / 20616 / L
Manual Reset, Manual Override
Integral Flange, Surface Mounting
Quick-Connect Terminals
20615L / 206619L
Special Oval Bottom Flange
Manual reset, Trip Free, Surface Mounting
45o Screw Terminals
STANDARD .250 WIDE x .032 THICK
SPADE TYPE Q.C. TERMINAL AT 45o
L MAX = 3.25 (82.55)
L MIN = 1.0 (25.40)
±.005 (.13)
.187 (.475)
.38 (9.65)
TYP
A MAX = 2.8 (71.12)
A MIN = .6 (15.24)
1.030 MAX
(26.16)
.350 (8.89)
H MAX = 2.8 (71.12)
A MIN = .6 (15.24)
EXPOSED DISC
.937 DIA MAX
(23.80)
±.005 (.13)
1.000 DIA (25.4)
STANDARD .250
WIDE x .032 THICK
SPADE TYPE QUICK
CONNECT TERMINAL
MATES WITH ANY
STANDARD AMP OR
ARK-LES FEMALE
TERMINAL
(3 TERMINALS)
STANDARD .250 WIDE x .032 THICK SPADE TYPE
QUICK-CONNECT TERMINAL (MATES WITH ANY
STANDARD AMP OR ARK-LES FEMALE TERMINAL).
.172
(4.37)
.062 (1.57)
1.563
(39.70)
2.00
(50.80)
.312
(7.92)
.062 (1.57)
.500 (12.7) R
(2 PLACES)
.172 (4.37)
2.336 (59.33)
.615 (15.62)
.013
(.33)
1.484
(37.69)
.381 (9.68)
1.563
(39.70)
1.080
(27.43)
.707
(17.96)
.062 (1.57)
1.563
(39.70)
2.00
(50.80)
.312
(7.92)
.062 (1.57)
.172
(4.37)
.500 (12.7) R
(2 PLACES)
1.563
(39.70)
.
796 (20.22)
.020
(.51)
1.797 (45.64)
.707 (17.69)
1.105
(28.07)
1.500 (38.1)
.937 DIA MAX (23.80)
1.500 (38.1)
.937 DIA MAX (23.80)
STANDARD .250 WIDE
x .032 THICK SPADE TYPE
QUICK-CONNECT
TERMINAL MATES WITH
ANY STANDARD AMP
OR ARK-LES FEMALE
TERMINAL (2 PLACES)
STANDARD .250 WIDE x .032 THICK SPADE TYPE
QUICK-CONNECT TERMINAL (MATES WITH ANY
STANDARD AMP OR ARK-LES FEMALE TERMINAL).
1.797
(45.64)
PART NO.
DATE CODE
.172
(4.37)
TEMP
CODE
1.567
MAX
(39.80)
1.885 MAX
(47.88)
1.662 MAX
(42.21)
.755 MAX
(19.69)
.937 MAX (23.80)
.792 MAX
(20.120
1.508 MAX (38.30)
.937 DIA MAX (23.80)
.172 (4.37)
90o ±5o
.031 (.79) R
±.005 (.13)
(4 PLACES)
.415 (10.54) ±.005 (.13)
.172
(4.37)
.415 (10.54) ±.005 (.13)
1.563
(39.70)
.093 (2.36) ±.005 (.13)
.093 (2.36) ±.005 (.13)
1.250
(31.75)
.381 (9.68) ±.015 (.38)
2.336 (59.33)
±.046 (1.67)
.062 (1.57)
TRAVEL OF PUSHBUTTON
TO RESET
.937 MAX
(23.80)
2.235 MAX
(56.77)
1.175 MAX
(29.85)
.170 (4.32)
(2 PLACES
.090 (2.29) R
(4 PLACES)
1.570
(39.88)
.785
(19.34)
1.380
(35.05)
1.75
(44.45)
.490
(12.47)
.980
(24.87)


Similar Part No. - 20606L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
206060-1 MACOM-206060-1 Datasheet
3Mb / 51P
   AMP Circular Connectors for Commercial Signal and Power Applications
206061-1 MACOM-206061-1 Datasheet
3Mb / 51P
   AMP Circular Connectors for Commercial Signal and Power Applications
logo
TE Connectivity Ltd
206061-1 TEC-206061-1 Datasheet
81Kb / 1P
   RECEPTACLE HOUSING, STANDARD SEX, SHELL SIZE 11, CPC
206061-2 TEC-206061-2 Datasheet
81Kb / 1P
   RECEPTACLE HOUSING, STANDARD SEX, SHELL SIZE 11, CPC
206061-3 TEC-206061-3 Datasheet
81Kb / 1P
   RECEPTACLE HOUSING, STANDARD SEX, SHELL SIZE 11, CPC
More results

Similar Description - 20606L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA-120 ETC2-CA-120 Datasheet
50Kb / 3P
   1/2 Disc Thermostats - Automatic Reset
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
logo
Omron Electronics LLC
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com