Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62157DV30L-70BVXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62157DV30L-70BVXI
Description  8-Mbit (512K x 16) MoBL Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157DV30L-70BVXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62157DV30L-70BVXI Datasheet HTML 1Page - Cypress Semiconductor CY62157DV30L-70BVXI Datasheet HTML 2Page - Cypress Semiconductor CY62157DV30L-70BVXI Datasheet HTML 3Page - Cypress Semiconductor CY62157DV30L-70BVXI Datasheet HTML 4Page - Cypress Semiconductor CY62157DV30L-70BVXI Datasheet HTML 5Page - Cypress Semiconductor CY62157DV30L-70BVXI Datasheet HTML 6Page - Cypress Semiconductor CY62157DV30L-70BVXI Datasheet HTML 7Page - Cypress Semiconductor CY62157DV30L-70BVXI Datasheet HTML 8Page - Cypress Semiconductor CY62157DV30L-70BVXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CY62157DV30
MoBL®
Document #: 38-05392 Rev. *E
Page 4 of 12
Capacitance[11, 12]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = VCC(typ)
10
pF
COUT
Output Capacitance
10
pF
Thermal Resistance[11]
Parameter
Description
Test Conditions
BGA
TSOP II
TSOP I
Unit
ΘJA
Thermal Resistance
(Junction to Ambient)
Still Air, soldered on a 3 × 4.5 inch,
four-layer printed circuit board
72
75.13
74.88
°C/W
ΘJC
Thermal Resistance
(Junction to Case)
8.86
8.95
8.6
°C/W
AC Test Loads and Waveforms[13]
Parameters
2.50V
3.0V
Unit
R1
16667
1103
R2
15385
1554
RTH
8000
645
VTH
1.20
1.75
V
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions
Min.
Typ.[2] Max.
Unit
VDR
VCC for Data Retention
1.5
V
ICCDR
Data Retention Current
VCC= 1.5V
CE1 > VCC – 0.2V, CE2 < 0.2V,
VIN > VCC – 0.2V or VIN < 0.2V
Industrial (L)
10
µA
Industrial (LL)
4
Automotive (L)
25
tCDR[11]
Chip Deselect to Data
Retention Time
0ns
tR[14]
Operation Recovery Time
tRC
ns
Notes:
11. Tested initially and after any design or process changes that may affect these parameters.
12. The input capacitance on the CE2 pin of the FBGA and 48TSOPI packages and on the BHE pin of the 44TSOPII package is 15 pF.
13. Test condition for the 45 ns part is a load capacitance of 30 pF.
14. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 100 us or stable at VCC(min.) > 100 us.
VCC
VCC
OUTPUT
R2
30 pF / 50 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
V
Equivalent to: THEVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1


Similar Part No. - CY62157DV30L-70BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157DV30L-45BVI CYPRESS-CY62157DV30L-45BVI Datasheet
578Kb / 12P
   8-Mbit (512K x 16) MoBL짰 Static RAM
CY62157DV30L-45BVI CYPRESS-CY62157DV30L-45BVI Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30L-55BVXE CYPRESS-CY62157DV30L-55BVXE Datasheet
578Kb / 12P
   8-Mbit (512K x 16) MoBL짰 Static RAM
CY62157DV30L-55BVXE CYPRESS-CY62157DV30L-55BVXE Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30L-55BVXI CYPRESS-CY62157DV30L-55BVXI Datasheet
578Kb / 12P
   8-Mbit (512K x 16) MoBL짰 Static RAM
More results

Similar Description - CY62157DV30L-70BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157DV30 CYPRESS-CY62157DV30_09 Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
CY62148DV30 CYPRESS-CY62148DV30_11 Datasheet
566Kb / 13P
   4-Mbit (512K x 8) MoBL Static RAM
CY62168DV30 CYPRESS-CY62168DV30_09 Datasheet
316Kb / 9P
   16-Mbit (2M x 8) MoBL Static RAM
CY62148V CYPRESS-CY62148V Datasheet
189Kb / 11P
   512K x 8 MoBL Static RAM
CY62148CV25 CYPRESS-CY62148CV25 Datasheet
272Kb / 13P
   512K x 8 MoBL Static RAM
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY7C1051DV33 CYPRESS-CY7C1051DV33 Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com