Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

243NQ Datasheet(PDF) 1 Page - International Rectifier

Part # 243NQ
Description  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

243NQ Datasheet(HTML) 1 Page - International Rectifier

  243NQ Datasheet HTML 1Page - International Rectifier 243NQ Datasheet HTML 2Page - International Rectifier 243NQ Datasheet HTML 3Page - International Rectifier 243NQ Datasheet HTML 4Page - International Rectifier 243NQ Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Major Ratings and Characteristics
I
F(AV) Rectangular
240
A
waveform
V
RRM range
80 to 100
V
I
FSM @ tp = 5 µs sine
25,500
A
V
F
@240Apk,T
J=125°C
0.72
V
T
J
range
- 55 to 175
°C
Characteristics
243NQ...
Units
Description/Features
The 243NQ high current Schottky rectifier module series has
been optimized for low reverse leakage at high temperature.
The proprietary barrier technology allows for reliable opera-
tion up to 175° C junction temperature. Typical applications
are in switching power supplies, converters, free-wheeling
diodes, and reverse battery protection.
175° C T
J operation
Unique high power, Half-Pak module
Replaces four parallel DO-5's
Easier to mount and lower profile than DO-5's
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
SCHOTTKY RECTIFIER
240 Amp
243NQ...(R) SERIES
Bulletin PD-2.262 rev. B 05/02
1
www.irf.com
D-67
Outline D-67 HALF PAK Module
Dimensions in millimeters and (inches)
243NQ100
Lug Terminal Anode
Base Cathode
243NQ100R
Lug Terminal Cathode
Base Anode


Similar Part No. - 243NQ

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
243NQ SMC-243NQ Datasheet
225Kb / 4P
   Low forward voltage drop
logo
Microsemi Corporation
243NQ080 MICROSEMI-243NQ080 Datasheet
142Kb / 2P
   240 AMP SCHOTTKY RECTIFIER
243NQ080 MICROSEMI-243NQ080 Datasheet
117Kb / 2P
   240 Amp Schottky Rectifier
logo
Sangdest Microelectroni...
243NQ080 SMC-243NQ080 Datasheet
225Kb / 4P
   Low forward voltage drop
243NQ080-1 SMC-243NQ080-1 Datasheet
223Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 243NQ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com