Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62157DV30L-70BVI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62157DV30L-70BVI
Description  8-Mbit (512K x 16) MoBL Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157DV30L-70BVI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62157DV30L-70BVI Datasheet HTML 1Page - Cypress Semiconductor CY62157DV30L-70BVI Datasheet HTML 2Page - Cypress Semiconductor CY62157DV30L-70BVI Datasheet HTML 3Page - Cypress Semiconductor CY62157DV30L-70BVI Datasheet HTML 4Page - Cypress Semiconductor CY62157DV30L-70BVI Datasheet HTML 5Page - Cypress Semiconductor CY62157DV30L-70BVI Datasheet HTML 6Page - Cypress Semiconductor CY62157DV30L-70BVI Datasheet HTML 7Page - Cypress Semiconductor CY62157DV30L-70BVI Datasheet HTML 8Page - Cypress Semiconductor CY62157DV30L-70BVI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CY62157DV30
MoBL®
Document #: 38-05392 Rev. *E
Page 5 of 12
Data Retention Waveform[15]
Switching Characteristics Over the Operating Range [16]
Parameter
Description
45 ns [13]
55 ns
70 ns
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
45
55
70
ns
tAA
Address to Data Valid
45
55
70
ns
tOHA
Data Hold from Address Change
10
10
10
ns
tACE
CE1 LOW and CE2 HIGH to Data Valid
45
55
70
ns
tDOE
OE LOW to Data Valid
25
25
35
ns
tLZOE
OE LOW to LOW Z[17]
55
5
ns
tHZOE
OE HIGH to High Z[17, 18]
15
20
25
ns
tLZCE
CE1 LOW and CE2 HIGH to Low Z[17]
10
10
10
ns
tHZCE
CE1 HIGH and CE2 LOW to High Z[17, 18]
20
20
25
ns
tPU
CE1 LOW and CE2 HIGH to Power-Up
0
0
0
ns
tPD
CE1 HIGH and CE2 LOW to Power-Down
45
55
70
ns
tDBE
BLE / BHE LOW to Data Valid
45
55
70
ns
tLZBE
BLE / BHE LOW to Low Z[17]
10
10
10
ns
tHZBE
BLE / BHE HIGH to HIGH Z[17, 18]
15
20
25
ns
Write Cycle[19]
tWC
Write Cycle Time
45
55
70
ns
tSCE
CE1 LOW and CE2 HIGH to Write End
40
40
60
ns
tAW
Address Set-up to Write End
40
40
60
ns
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Set-up to Write Start
0
0
0
ns
tPWE
WE Pulse Width
35
40
45
ns
tBW
BLE / BHE LOW to Write End
40
40
60
ns
tSD
Data Set-up to Write End
25
25
30
ns
tHD
Data Hold from Write End
0
0
0
ns
tHZWE
WE LOW to High-Z[17, 18]
15
20
25
ns
tLZWE
WE HIGH to Low-Z[17]
10
10
10
ns
Notes:
15. BHE.BLE is the AND of both BHE and BLE. Chip can be deselected by either disabling the chip enable signals or by disabling both BHE and BLE.
16. Test conditions for all parameters other than three-state parameters assume signal transition time of 3 ns or less, timing reference levels of VCC(typ)/2, input pulse
levels of 0 to VCC(typ.), and output loading of the specified IOL/IOH as shown in the “AC Test Loads and Waveforms” section.
17. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZBE is less than tLZBE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any
given device.
18. tHZOE, tHZCE, tHZBE, and tHZWE transitions are measured when the outputs enter a high-impedence state.
19. The internal Write time of the memory is defined by the overlap of WE, CE1 = VIL, BHE and/or BLE = VIL, and CE2 = VIH. All signals must be ACTIVE to initiate
a write and any of these signals can terminate a write by going INACTIVE. The data input set-up and hold timing should be referenced to the edge of the signal
that terminates the write.
VCC, min.
VCC, min.
tCDR
VDR > 1.5 V
DATA RETENTION MODE
tR
CE1 or
VCC
BHE
.BLE
CE2
or


Similar Part No. - CY62157DV30L-70BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157DV30L-45BVI CYPRESS-CY62157DV30L-45BVI Datasheet
578Kb / 12P
   8-Mbit (512K x 16) MoBL짰 Static RAM
CY62157DV30L-45BVI CYPRESS-CY62157DV30L-45BVI Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30L-55BVXE CYPRESS-CY62157DV30L-55BVXE Datasheet
578Kb / 12P
   8-Mbit (512K x 16) MoBL짰 Static RAM
CY62157DV30L-55BVXE CYPRESS-CY62157DV30L-55BVXE Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30L-55BVXI CYPRESS-CY62157DV30L-55BVXI Datasheet
578Kb / 12P
   8-Mbit (512K x 16) MoBL짰 Static RAM
More results

Similar Description - CY62157DV30L-70BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157DV30 CYPRESS-CY62157DV30_09 Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
CY62148DV30 CYPRESS-CY62148DV30_11 Datasheet
566Kb / 13P
   4-Mbit (512K x 8) MoBL Static RAM
CY62168DV30 CYPRESS-CY62168DV30_09 Datasheet
316Kb / 9P
   16-Mbit (2M x 8) MoBL Static RAM
CY62148V CYPRESS-CY62148V Datasheet
189Kb / 11P
   512K x 8 MoBL Static RAM
CY62148CV25 CYPRESS-CY62148CV25 Datasheet
272Kb / 13P
   512K x 8 MoBL Static RAM
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY7C1051DV33 CYPRESS-CY7C1051DV33 Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com