Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

241NQ Datasheet(PDF) 4 Page - International Rectifier

Part # 241NQ
Description  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

241NQ Datasheet(HTML) 4 Page - International Rectifier

  241NQ Datasheet HTML 1Page - International Rectifier 241NQ Datasheet HTML 2Page - International Rectifier 241NQ Datasheet HTML 3Page - International Rectifier 241NQ Datasheet HTML 4Page - International Rectifier 241NQ Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
241NQ...(R) Series
Bulletin PD-2.261 rev. B 05/02
4
www.irf.com
Fig. 8 - Unclamped Inductive Test Circuit
Fig. 5 - Maximum Allowable Case Temperature
Vs. Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
0
20
40
60
80
100
120
140
160
180
200
220
0
50 100 150 200 250 300 350
DC
F(AV)
D=0.08
D=0.17
D=0.25
D=0.33
D=0.50
RMSLimit
AverageForwardCurrent-I
(A)
120
130
140
150
160
170
180
0
50 100 150 200 250 300 350
DC
AverageForwardCurrent-I
(A)
F(AV)
241NQ
R
(DC)=0.20°C/W
thJC
1000
10000
100000
10
100
1000
10000
p
At Any Rated Load Condition
And With Rated V
Applied
Following Surge
RRM
Square Wave Pulse Duration - t (microsec)
FRE E-W H EEL
D IO D E
40H FL40S02
CUR RE N T
MO N ITO R
HIG H -SPE ED
SW IT C H
IRFP460
L
DUT
Rg = 2 5 oh m
Vd = 25 V olt
+


Similar Part No. - 241NQ

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
241NQ-1 SMC-241NQ-1 Datasheet
220Kb / 4P
   Unique high power, Half-Pak module
logo
Microsemi Corporation
241NQ035 MICROSEMI-241NQ035 Datasheet
138Kb / 2P
   240 AMP SCHOTTKY RECTIFIER
241NQ035 MICROSEMI-241NQ035 Datasheet
117Kb / 2P
   240 Amp Schottky Rectifier
logo
Sangdest Microelectroni...
241NQ035-045-1 SMC-241NQ035-045-1 Datasheet
220Kb / 4P
   SCHOTTKY RECTIFIER
241NQ035-1 SMC-241NQ035-1 Datasheet
220Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 241NQ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com