Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HV582 Datasheet(PDF) 6 Page - Supertex, Inc

Part No. HV582
Description  96-Channel AC Plasma Display Data Driver with High Voltage Push-Pull Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUTEX [Supertex, Inc]
Homepage  http://www.supertex.com
Logo 

HV582 Datasheet(HTML) 6 Page - Supertex, Inc

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
HV582
Pad Coordinates
n
i
Pn
o
i
t
c
n
u
Fd
r
o
o
Cn
i
Pn
o
i
t
c
n
u
Fd
r
o
o
Cn
i
Pn
o
i
t
c
n
u
Fd
r
o
o
C
1D
D
V2
9
8
3
-
,
2
5
0
2
-9
44
5
T
U
O
V
H5
6
9
2
+
,
6
6
0
2
-7
90
2
T
U
O
V
H0
4
1
-
,
1
2
1
2
+
2D
N
G
V
H2
9
6
3
-
,
2
5
0
2
-0
53
5
T
U
O
V
H0
0
1
3
+
,
6
6
0
2
-8
99
1
T
U
O
V
H5
7
2
-
,
1
2
1
2
+
3D
N
G
V
H2
9
4
3
-
,
2
5
0
2
-1
52
5
T
U
O
V
H5
3
2
3
+
,
6
6
0
2
-9
98
1
T
U
O
V
H0
1
4
-
,
1
2
1
2
+
4P
P
V3
9
2
3
-
,
1
5
0
2
-2
51
5
T
U
O
V
H0
7
3
3
+
,
6
6
0
2
-0
0
17
1
T
U
O
V
H5
4
5
-
,
1
2
1
2
+
5P
P
V3
9
0
3
-
,
1
5
0
2
-3
50
5
T
U
O
V
H5
0
5
3
+
,
6
6
0
2
-1
0
16
1
T
U
O
V
H0
8
6
-
,
1
2
1
2
+
6P
P
V3
9
8
2
-
,
1
5
0
2
-4
59
4
T
U
O
V
H0
4
6
3
+
,
6
6
0
2
-2
0
15
1
T
U
O
V
H5
1
8
-
,
1
2
1
2
+
76
9
T
U
O
V
H5
0
7
2
-
,
6
6
0
2
-5
5P
P
V8
2
8
3
+
,
2
5
0
2
-3
0
14
1
T
U
O
V
H0
5
9
-
,
1
2
1
2
+
85
9
T
U
O
V
H0
7
5
2
-
,
6
6
0
2
-6
5P
P
V8
2
0
4
+
,
2
5
0
2
-4
0
13
1
T
U
O
V
H5
8
0
1
-
,
1
2
1
2
+
94
9
T
U
O
V
H5
3
4
2
-
,
6
6
0
2
-7
5P
P
V8
2
0
4
+
,
8
2
7
1
-5
0
12
1
T
U
O
V
H0
2
2
1
-
,
1
2
1
2
+
0
13
9
T
U
O
V
H0
0
3
2
-
,
6
6
0
2
-8
5P
P
V8
2
0
4
+
,
3
0
4
1
-6
0
11
1
T
U
O
V
H5
5
3
1
-
,
1
2
1
2
+
1
12
9
T
U
O
V
H5
6
1
2
-
,
6
6
0
2
-9
5D
N
G
V
H4
8
8
3
+
,
2
3
8
-7
0
10
1
T
U
O
V
H0
9
4
1
-
,
1
2
1
2
+
2
11
9
T
U
O
V
H0
3
0
2
-
,
6
6
0
2
-0
6D
N
G
V
H4
8
8
3
+
,
2
3
6
-8
0
19
0
T
U
O
V
H5
2
6
1
-
,
1
2
1
2
+
3
10
9
T
U
O
V
H5
9
8
1
-
,
6
6
0
2
-1
6D
N
G
V
H4
8
8
3
+
,
9
7
-9
0
18
0
T
U
O
V
H0
6
7
1
-
,
1
2
1
2
+
4
19
8
T
U
O
V
H0
6
7
1
-
,
6
6
0
2
-2
6D
N
G
V
H4
8
8
3
+
,
1
2
1
+0
1
17
0
T
U
O
V
H5
9
8
1
-
,
1
2
1
2
+
5
18
8
T
U
O
V
H5
2
6
1
-
,
6
6
0
2
-3
6D
N
G
V
H4
8
8
3
+
,
6
8
6
+1
1
16
0
T
U
O
V
H0
3
0
2
-
,
1
2
1
2
+
6
17
8
T
U
O
V
H0
9
4
1
-
,
6
6
0
2
-4
6D
N
G
V
H4
8
8
3
+
,
6
8
8
+2
1
15
0
T
U
O
V
H5
6
1
2
-
,
1
2
1
2
+
7
16
8
T
U
O
V
H5
5
3
1
-
,
6
6
0
2
-5
6P
P
V8
2
0
4
+
,
7
5
4
1
+3
1
14
0
T
U
O
V
H0
0
3
2
-
,
1
2
1
2
+
8
15
8
T
U
O
V
H0
2
2
1
-
,
6
6
0
2
-6
6P
P
V8
2
0
4
+
,
2
8
7
1
+4
1
13
0
T
U
O
V
H5
3
4
2
-
,
1
2
1
2
+
9
14
8
T
U
O
V
H5
8
0
1
-
,
6
6
0
2
-7
6P
P
V8
2
0
4
+
,
6
0
1
2
+5
1
12
0
T
U
O
V
H0
7
5
2
-
,
1
2
1
2
+
0
23
8
T
U
O
V
H0
5
9
-
,
6
6
0
2
-8
6P
P
V8
2
8
3
+
,
6
0
1
2
+6
1
11
0
T
U
O
V
H5
0
7
2
-
,
1
2
1
2
+
1
22
8
T
U
O
V
H5
1
8
-
,
6
6
0
2
-9
68
4
T
U
O
V
H0
4
6
3
+
,
1
2
1
2
+7
1
1P
P
V3
9
8
2
-
,
6
0
1
2
+
2
21
8
T
U
O
V
H0
8
6
-
,
6
6
0
2
-0
77
4
T
U
O
V
H5
0
5
3
+
,
1
2
1
2
+8
1
1P
P
V3
9
0
3
-
,
6
0
1
2
+
3
20
8
T
U
O
V
H5
4
5
-
,
6
6
0
2
-1
76
4
T
U
O
V
H0
7
3
3
+
,
1
2
1
2
+9
1
1P
P
V3
9
2
3
-
,
6
0
1
2
+
4
29
7
T
U
O
V
H0
1
4
-
,
6
6
0
2
-2
75
4
T
U
O
V
H5
3
2
3
+
,
1
2
1
2
+0
2
1D
N
G
V
H2
9
4
3
-
,
6
0
1
2
+
5
28
7
T
U
O
V
H5
7
2
-
,
6
6
0
2
-3
74
4
T
U
O
V
H0
0
1
3
+
,
1
2
1
2
+1
2
1D
N
G
V
H2
9
6
3
-
,
6
0
1
2
+
6
27
7
T
U
O
V
H0
4
1
-
,
6
6
0
2
-4
73
4
T
U
O
V
H5
6
9
2
+
,
1
2
1
2
+2
2
1D
N
G2
9
8
3
-
,
6
0
1
2
+
7
26
7
T
U
O
V
H5
-
,
6
6
0
2
-5
72
4
T
U
O
V
H0
3
8
2
+
,
1
2
1
2
+3
2
1A
N
I
R
D7
8
0
4
-
,
0
5
6
1
+
8
25
7
T
U
O
V
H0
3
1
+
,
6
6
0
2
-6
71
4
T
U
O
V
H5
9
6
2
+
,
1
2
1
2
+4
2
1A
N
I
G
D7
8
0
4
-
,
5
0
5
1
+
9
24
7
T
U
O
V
H5
6
2
+
,
6
6
0
2
-7
70
4
T
U
O
V
H0
6
5
2
+
,
1
2
1
2
+5
2
1A
N
I
B
D7
8
0
4
-
,
0
6
3
1
+
0
33
7
T
U
O
V
H0
0
4
+
,
6
6
0
2
-8
79
3
T
U
O
V
H5
2
4
2
+
,
1
2
1
2
+6
2
1B
N
I
R
D7
8
0
4
-
,
5
1
2
1
+
1
32
7
T
U
O
V
H5
3
5
+
,
6
6
0
2
-9
78
3
T
U
O
V
H0
9
2
2
+
,
1
2
1
2
+7
2
1B
N
I
G
D7
8
0
4
-
,
0
7
0
1
+
2
31
7
T
U
O
V
H0
7
6
+
,
6
6
0
2
-0
87
3
T
U
O
V
H5
5
1
2
+
,
1
2
1
2
+8
2
1B
N
I
B
D7
8
0
4
-
,
5
2
9
+
3
30
7
T
U
O
V
H5
0
8
+
,
6
6
0
2
-1
86
3
T
U
O
V
H0
2
0
2
+
,
1
2
1
2
+9
2
1K
L
C7
8
0
4
-
,
0
8
7
+
4
39
6
T
U
O
V
H0
4
9
+
,
6
6
0
2
-2
85
3
T
U
O
V
H5
8
8
1
+
,
1
2
1
2
+0
3
1E
L7
8
0
4
-
,
5
3
6
+
5
38
6
T
U
O
V
H5
7
0
1
+
,
6
6
0
2
-3
84
3
T
U
O
V
H0
5
7
1
+
,
1
2
1
2
+1
3
1T
E
S
E
R7
8
0
4
-
,
0
9
4
+
6
37
6
T
U
O
V
H0
1
2
1
+
,
6
6
0
2
-4
83
3
T
U
O
V
H5
1
6
1
+
,
1
2
1
2
+2
3
1D
N
G6
8
0
4
-
,
0
0
3
+
7
36
6
T
U
O
V
H5
4
3
1
+
,
6
6
0
2
-5
82
3
T
U
O
V
H0
8
4
1
+
,
1
2
1
2
+3
3
1R
I
D5
8
0
4
-
,
0
1
1
+
8
35
6
T
U
O
V
H0
8
4
1
+
,
6
6
0
2
-6
81
3
T
U
O
V
H5
4
3
1
+
,
1
2
1
2
+4
3
1D
D
V6
8
0
4
-
,
0
8
-
9
34
6
T
U
O
V
H5
1
6
1
+
,
6
6
0
2
-7
80
3
T
U
O
V
H0
1
2
1
+
,
1
2
1
2
+5
3
1B
H
O7
8
0
4
-
,
0
7
2
-
0
43
6
T
U
O
V
H0
5
7
1
+
,
6
6
0
2
-8
89
2
T
U
O
V
H5
7
0
1
+
,
1
2
1
2
+6
3
1B
L
O7
8
0
4
-
,
5
1
4
-
1
42
6
T
U
O
V
H5
8
8
1
+
,
6
6
0
2
-9
88
2
T
U
O
V
H0
4
9
+
,
1
2
1
2
+7
3
1E
O7
8
0
4
-
,
0
6
5
-
2
41
6
T
U
O
V
H0
2
0
2
+
,
6
6
0
2
-0
97
2
T
U
O
V
H5
0
8
+
,
1
2
1
2
+8
3
1L
O
P7
8
0
4
-
,
5
0
7
-
3
40
6
T
U
O
V
H5
5
1
2
+
,
6
6
0
2
-1
96
2
T
U
O
V
H0
7
6
+
,
1
2
1
2
+9
3
1A
T
U
O
R
D7
8
0
4
-
,
0
5
8
-
4
49
5
T
U
O
V
H0
9
2
2
+
,
6
6
0
2
-2
95
2
T
U
O
V
H5
3
5
+
,
1
2
1
2
+0
4
1A
T
U
O
G
D7
8
0
4
-
,
5
9
9
-
5
48
5
T
U
O
V
H5
2
4
2
+
,
6
6
0
2
-3
94
2
T
U
O
V
H0
0
4
+
,
1
2
1
2
+1
4
1A
T
U
O
B
D7
8
0
4
-
,
0
4
1
1
-
6
47
5
T
U
O
V
H0
6
5
2
+
,
6
6
0
2
-4
93
2
T
U
O
V
H5
6
2
+
,
1
2
1
2
+2
4
1B
T
U
O
R
D7
8
0
4
-
,
5
8
2
1
-
7
46
5
T
U
O
V
H5
9
6
2
+
,
6
6
0
2
-5
92
2
T
U
O
V
H0
3
1
+
,
1
2
1
2
+3
4
1B
T
U
O
G
D7
8
0
4
-
,
0
3
4
1
-
8
45
5
T
U
O
V
H0
3
8
2
+
,
6
6
0
2
-6
91
2
T
U
O
V
H5
-
,
1
2
1
2
+4
4
1B
T
U
O
B
D7
8
0
4
-
,
5
7
5
1
-


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn