Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HV582 Datasheet(PDF) 2 Page - Supertex, Inc

Part No. HV582
Description  96-Channel AC Plasma Display Data Driver with High Voltage Push-Pull Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUTEX [Supertex, Inc]
Homepage  http://www.supertex.com
Logo 

HV582 Datasheet(HTML) 2 Page - Supertex, Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
HV582
Absolute Maximum Ratings*
Supply Voltage, V
DD
-0.5V to 6V
Supply Voltage, V
PP
V
DD to 100V
Logic input levels
-0.5V to V
DD+0.5V
Ground current
TBD A
High voltage supply current
TBD A
Continuous total power dissipation
TBD mW
Operating temperature range
-40
°C to +85°C
Storage temperature range
-65
°C +150°C
* All voltages are referenced to device ground.
e
c
i
v
e
D
d
e
d
n
e
m
m
o
c
e
R
V
g
n
i
t
a
r
e
p
O
P
P
x
a
M
s
n
o
i
t
p
O
e
g
a
k
c
a
P
e
i
D
2
8
5
V
HV
0
9X
2
8
5
V
H
y
r
o
t
c
a
F
t
c
a
t
n
o
C
*
Ordering Info
Notes:
Power-up sequence should be the following:
1. Connect ground.
2. Apply V
DD.
3. Set all inputs (Data, CLK, Enable, etc.) to a known state.
4. Apply V
PP.
Power-down sequence should be the reverse of the above.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
i
Mp
y
Tx
a
Ms
t
i
n
Us
n
o
i
t
i
d
n
o
C
DC Electrical Characteristics (Over operating supply voltages unless otherwise noted)
I
D
D
V
D
D
t
n
e
r
r
u
c
y
l
p
p
u
s5
2A
mf
K
L
C
W
O
L
=
*
E
L
,
z
H
M
0
3
=
I
Q
D
D
V
t
n
e
c
s
e
i
u
Q
D
D
t
n
e
r
r
u
c
y
l
p
p
u
s0
0
1A
µV
ll
A
N
I
V
r
o
V
0
=
D
D
I
P
P
t
n
e
r
r
u
c
y
l
p
p
u
s
e
g
a
t
l
o
v
h
g
i
H
D
B
TA
mV
P
P
h
g
i
h
s
t
u
p
t
u
o
ll
a
,
V
0
9
=
D
B
TV
P
P
w
o
l
s
t
u
p
t
u
o
ll
a
,
V
0
9
=
I
H
I
t
n
e
r
r
u
c
t
u
p
n
i
c
i
g
o
l
l
e
v
e
l
-
h
g
i
H0
.
1A
µV
H
I
V
=
D
D
I
L
I
t
n
e
r
r
u
c
t
u
p
n
i
c
i
g
o
l
l
e
v
e
l
-
w
o
L0
.
1
-A
µV
L
I
V
0
=
R
N
I
,
E
O
]
t
o
n
[
,
L
O
P
,
R
I
D
(
e
c
n
a
t
s
i
s
e
r
n
w
o
d
-
ll
u
P
)
L
O
,
H
O
V
H
O
t
u
p
t
u
o
l
e
v
e
l
-
h
g
i
H
V
H
T
U
O
V
0
1
-
P
P
V
V
P
P
I
,
V
0
9
=
T
U
O
V
H
A
m
5
7
-
=
t
u
o
a
t
a
D
V
1
-
D
D
I
T
U
O
D
A
m
0
.
4
-
=
V
L
O
t
u
p
t
u
o
l
e
v
e
l
-
w
o
L
V
H
T
U
O
0
1
V
A
m
5
7
=
T
U
O
V
H
I
,
V
0
.
5
=
D
D
V
t
u
o
a
t
a
D
0
.
1I
T
U
O
D
A
m
0
.
4
-
=
V
C
O
V
H
T
U
O
e
g
a
t
l
o
v
p
m
a
l
cV
I
H
O
A
m
5
7
=
I
L
O
A
m
5
7
-
=
I
H
O
t
n
e
r
r
u
c
e
c
r
u
o
s
t
u
p
t
u
O0
0
1A
mV
P
P
V
0
0
1
=


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn