Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62157DV30LL-55ZXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY62157DV30LL-55ZXI
Description  8-Mbit (512K x 16) MoBL Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157DV30LL-55ZXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY62157DV30LL-55ZXI Datasheet HTML 4Page - Cypress Semiconductor CY62157DV30LL-55ZXI Datasheet HTML 5Page - Cypress Semiconductor CY62157DV30LL-55ZXI Datasheet HTML 6Page - Cypress Semiconductor CY62157DV30LL-55ZXI Datasheet HTML 7Page - Cypress Semiconductor CY62157DV30LL-55ZXI Datasheet HTML 8Page - Cypress Semiconductor CY62157DV30LL-55ZXI Datasheet HTML 9Page - Cypress Semiconductor CY62157DV30LL-55ZXI Datasheet HTML 10Page - Cypress Semiconductor CY62157DV30LL-55ZXI Datasheet HTML 11Page - Cypress Semiconductor CY62157DV30LL-55ZXI Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CY62157DV30
MoBL®
Document #: 38-05392 Rev. *E
Page 9 of 12
Truth Table
CE1
CE2
WE
OE
BHE
BLE
Inputs/Outputs
Mode
Power
H
X
X
X
X
X
High Z
Deselect/Power-Down
Standby (ISB)
X
L
X
X
X
X
High Z
Deselect/Power-Down
Standby (ISB)
X
X
X
X
H
H
High Z
Deselect/Power-Down
Standby (ISB)
L
H
H
L
L
L
Data Out (I/O0 – I/O15) Read (Upper byte and Lower Byte)
Active (ICC)
L
H
H
L
H
L
Data Out (I/O0 – I/O7);
High Z (I/O8 – I/O15)
Read (Lower Byte only)
Active (ICC)
L
H
H
L
L
H
High Z (I/O0 – I/O7);
Data Out (I/O8 – I/O15)
Read (Upper Byte only)
Active (ICC)
L
H
H
H
L
H
High Z
Output Disabled
Active (ICC)
L
H
H
H
H
L
High Z
Output Disabled
Active (ICC)
L
H
H
H
L
L
High Z
Output Disabled
Active (ICC)
L
H
L
X
L
L
Data In (I/O0 – I/O15)
Write(Upper byte and Lower Byte)
Active (ICC)
L
H
L
X
H
L
Data In (I/O0 – I/O7);
High Z (I/O8 – I/O15)
Write (Lower Byte only)
Active (ICC)
L
H
L
X
L
H
High Z (I/O0 – I/O7);
Data In (I/O8 – I/O15)
Write (Upper Byte only)
Active (ICC)
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
45
CY62157DV30L-45BVI
BV48A
48-ball Fine Pitch BGA (6 mm × 8 mm × 1 mm)
Industrial
CY62157DV30LL-45BVI
45
CY62157DV30L-45ZXI
Z-48
48-pin TSOP I (Pb-free)
Industrial
CY62157DV30LL-45ZXI
45
CY62157DV30L-45ZSXI
ZS-44
44-pin TSOP II (Pb-free)
Industrial
CY62157DV30LL-45ZSXI
55
CY62157DV30L-55BVI
BV48A
48-ball Fine Pitch BGA (6 mm × 8 mm × 1 mm)
Industrial
CY62157DV30LL-55BVI
55
CY62157DV30L-55BVXI
BV48A
48-ball Fine Pitch BGA (6 mm × 8 mm × 1 mm) (Pb-free)
Industrial
CY62157DV30LL-55BVXI
55
CY62157DV30L-55BVE
BV48A
48-ball Fine Pitch BGA (6 mm × 8 mm × 1 mm)
Automotive
55
CY62157DV30L-55ZXI
Z-48
48-pin TSOP I (Pb-free)
Industrial
CY62157DV30LL-55ZXI
55
CY62157DV30L-55ZXE
Z-48
48-pin TSOP I (Pb-free)
Automotive
55
CY62157DV30L-55ZSXI
ZS-44
44-pin TSOP II (Pb-free)
Industrial
CY62157DV30LL-55ZSXI
55
CY62157DV30L-55ZSXE
ZS-44
44-pin TSOP II (Pb-free)
Automotive
55
CY62157DV30L-55ZSI
ZS-44
44-pin TSOP II
Industrial
CY62157DV30LL-55ZSI
70
CY62157DV30L-70BVI
BV48A
48-ball Fine Pitch BGA (6 mm × 8 mm × 1 mm)
Industrial
CY62157DV30LL-70BVI
70
CY62157DV30L-70BVXI
BV48A
48-ball Fine Pitch BGA (6 mm × 8 mm × 1 mm) (Pb-free)
Industrial
CY62157DV30LL-70BVXI
70
CY62157DV30L-70ZXI
Z-48
48-pin TSOP I (Pb-free)
Industrial
CY62157DV30LL-70ZXI


Similar Part No. - CY62157DV30LL-55ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157DV30LL-55ZSI CYPRESS-CY62157DV30LL-55ZSI Datasheet
578Kb / 12P
   8-Mbit (512K x 16) MoBL짰 Static RAM
CY62157DV30LL-55ZSI CYPRESS-CY62157DV30LL-55ZSI Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30LL-55ZSXI CYPRESS-CY62157DV30LL-55ZSXI Datasheet
578Kb / 12P
   8-Mbit (512K x 16) MoBL짰 Static RAM
CY62157DV30LL-55ZSXI CYPRESS-CY62157DV30LL-55ZSXI Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30LL-55ZSXI CYPRESS-CY62157DV30LL-55ZSXI Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
More results

Similar Description - CY62157DV30LL-55ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157DV30 CYPRESS-CY62157DV30_09 Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
CY62148DV30 CYPRESS-CY62148DV30_11 Datasheet
566Kb / 13P
   4-Mbit (512K x 8) MoBL Static RAM
CY62168DV30 CYPRESS-CY62168DV30_09 Datasheet
316Kb / 9P
   16-Mbit (2M x 8) MoBL Static RAM
CY62148V CYPRESS-CY62148V Datasheet
189Kb / 11P
   512K x 8 MoBL Static RAM
CY62148CV25 CYPRESS-CY62148CV25 Datasheet
272Kb / 13P
   512K x 8 MoBL Static RAM
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY7C1051DV33 CYPRESS-CY7C1051DV33 Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com