Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0214B Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0214B
Description  Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0214B Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0214B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0214B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0214B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0214B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0214B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0214B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0214B Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
D. Measurement Circuit:
Source and load impedance: 50

Network analyzer

SAW Filter
L1
L2
KE
A,B,C,D,F,G,H,I,J,L
Input: L1=220 nH, Q>40
Output: L2=220 nH, Q>40
E. Outline Drawing:
Pin K: RF Input
Pin E: RF Output
Pin L: Input Ground
Pin F: Output Ground
Pin A, B, C, D, G, H, I, J: To be Ground
□: Week Code
Unit: mm
△ : Product / Year Code
2 1 4


Similar Part No. - TB0214B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0214A TAI-SAW-TB0214A Datasheet
438Kb / 4P
   Low-Loss 70MHz IF SAW Filter (BW=16 MHz)
logo
Golledge Electronics Lt...
TB0214A GOLLEDGE-TB0214A Datasheet
95Kb / 4P
   IF SAW Filter Low-Loss 70MHz (BW=16 MHz)
More results

Similar Description - TB0214B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0211A TAI-SAW-TB0211A Datasheet
489Kb / 5P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB0195B TAI-SAW-TB0195B Datasheet
395Kb / 7P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB0212A TAI-SAW-TB0212A Datasheet
556Kb / 5P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB1027A TAI-SAW-TB1027A Datasheet
326Kb / 6P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB0202B TAI-SAW-TB0202B Datasheet
388Kb / 7P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB0202A TAI-SAW-TB0202A Datasheet
364Kb / 6P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB1028A TAI-SAW-TB1028A Datasheet
333Kb / 6P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB0225A TAI-SAW-TB0225A Datasheet
632Kb / 6P
   70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB0194B TAI-SAW-TB0194B Datasheet
381Kb / 7P
   Low Loss 70 MHz SAW Filter (SMD 13.3횞6.5 mm)7
TB0203B TAI-SAW-TB0203B Datasheet
367Kb / 9P
   Low-Loss 140 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com