Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC2383257D Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSC2383257D
Description  8,388,608-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC2383257D Datasheet(HTML) 1 Page - OKI electronic componets

  MSC2383257D Datasheet HTML 1Page - OKI electronic componets MSC2383257D Datasheet HTML 2Page - OKI electronic componets MSC2383257D Datasheet HTML 3Page - OKI electronic componets MSC2383257D Datasheet HTML 4Page - OKI electronic componets MSC2383257D Datasheet HTML 5Page - OKI electronic componets MSC2383257D Datasheet HTML 6Page - OKI electronic componets MSC2383257D Datasheet HTML 7Page - OKI electronic componets MSC2383257D Datasheet HTML 8Page - OKI electronic componets MSC2383257D Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor
MSC2383257D-xxBS16/DS16
8,388,608-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
This version:
Mar. 8. 1999
DESCRIPTION
The MSC2383257D-xxBS16/DS16 is a fully decoded, 8,388,608-word x 32-bit CMOS dynamic random access
memory module composed of sixteen 16Mb DRAMs (4Mx4) in SOJ packages mounted with sixteen decoupling
capacitors on a 72-pin glass epoxy single in-line package. This module supports any application where high density
and large capacity of storage memory are required.
FEATURES
· 8,388,608-word x 32-bit organization
· 72-pin Single In-Line Memory Module
MSC2383257D-xxBS16 : Gold tab
MSC2383257D-xxDS16 : Solder tab
· Single +5V supply ± 10% tolerance
· Input
: TTL compatible
· Output
: TTL compatible, 3-state
· Refresh
: 2048cycles/32ms
· /CAS before /RAS refresh, hidden refresh, /RAS only refresh capability
· Fast page mode with EDO capability
· Multi-bit test mode capability
PRODUCT FAMILY
Access Time (Max.)
Power Dissipation
Family
tRAC
tAA
tCAC
Cycle
Time
(Min.)
Operating (Max.)
Standby (Max.)
MSC2383257D-60BS16/DS16
60ns
30ns
15ns
104ns
5060mW
MSC2383257D-70BS16/DS16
70ns
35ns
20ns
124ns
4620mW
88mW


Similar Part No. - MSC2383257D

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSC2383257A OKI-MSC2383257A Datasheet
71Kb / 8P
   8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257A-XXBS16 OKI-MSC2383257A-XXBS16 Datasheet
71Kb / 8P
   8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257A-XXDS16 OKI-MSC2383257A-XXDS16 Datasheet
71Kb / 8P
   8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC2383257D

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSC2383657D-XXBS20 OKI-MSC2383657D-XXBS20 Datasheet
88Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23832D OKI-MSC23832D Datasheet
49Kb / 9P
   8,388,608-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23Q83657D-XXBS18 OKI-MSC23Q83657D-XXBS18 Datasheet
82Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MD51V65805 OKI-MD51V65805 Datasheet
312Kb / 15P
   8,388,608-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257D OKI-MSC2343257D Datasheet
46Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257A OKI-MSC2383257A Datasheet
71Kb / 8P
   8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2313258D OKI-MSC2313258D Datasheet
41Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz