Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27C16Q550 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 27C16Q550
Description  16,384-Bit (2048 x 8) UV Erasable CMOS PROM Military Qualified
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

27C16Q550 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  27C16Q550 Datasheet HTML 1Page - National Semiconductor (TI) 27C16Q550 Datasheet HTML 2Page - National Semiconductor (TI) 27C16Q550 Datasheet HTML 3Page - National Semiconductor (TI) 27C16Q550 Datasheet HTML 4Page - National Semiconductor (TI) 27C16Q550 Datasheet HTML 5Page - National Semiconductor (TI) 27C16Q550 Datasheet HTML 6Page - National Semiconductor (TI) 27C16Q550 Datasheet HTML 7Page - National Semiconductor (TI) 27C16Q550 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
Temperature Under Bias
b
55 Cto a125 C
Storage Temperature
b
65 Cto a125 C
All Input Voltages with
Respect to Ground
a
65V to b03V
All Output Voltages with
Respect to Ground (Note 11) VCC a03V to GND b03V
VPP Supply Voltage
with Respect to Ground
during Programming
a
265V to b03V
Power Dissipation
10W
Lead Temperature
(Soldering 10 Seconds)
300 C
Operating Conditions (Note 9)
Temperature Range (Tcase)
b
55 Cto a125 C
VCC Power Supply (Notes 2 and 3)
5V a10%
VPP Power Supply (Note 3)
VCC
READ OPERATION
DC Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 4)
ILI
Input Load Current
VIN e VCC or VIL
10
m
A
ILO
Output Leakage Current
VOUT e VCC or VIL CE e VIH
10
m
A
ICC1
VCC Current (Active)
OE e CE e VIL f e 1 MHz
230
mA
(Note 3)
TTL Inputs
Inputs e VIH or VIL IO e 0mA
ICC2
VCC Current (Active)
OE e CE e VIL f e 1 MHz
125
mA
(Note 3)
CMOS Inputs
Inputs e VCC or GND IO e 0mA
ICCSB1
VCC Current (Standby)
CE e VIH
01
1
mA
TTL Inputs
ICCSB2
VCC Current (Standby)
CE e VCC
001
01
mA
CMOS Inputs
VIL
Input Low Voltage
b
01
08
V
VIH
Input High Voltage
22
VCC a 1V
VOL1
Output Low Voltage
IOL e 21 mA
045
V
VOH1
Output High Voltage
IOH eb400 mA
24
V
VOL2
Output Low Voltage
IOL e 0 mA
01
V
VOH2
Output High Voltage
IOH e 0 mA
44
V
AC Electrical Characteristics
27C16
Symbol
Parameter
Conditions
450
550
Units
Min
Max
Min
Max
tACC
Address to Output Delay
CE e OE e VIL
450
550
ns
tCE
CE to Output Delay
OE e VIL
450
550
ns
tOE
OE to Output Delay
CE e VIL
120
120
ns
tDF
OE High to Output Float
CE e VIL
0
100
0
100
ns
tOH
Output Hold from Addresses
CE e OE e VIL
(Note 5)
CE or OE Whichever
0
0
ns
Occurred First
3


Similar Part No. - 27C16Q550

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
27C160 STMICROELECTRONICS-27C160 Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
logo
Macronix International
27C1610-10 MCNIX-27C1610-10 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
27C1610-12 MCNIX-27C1610-12 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
logo
Microchip Technology
27C16A-15IL MICROCHIP-27C16A-15IL Datasheet
64Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
27C16A-15IP MICROCHIP-27C16A-15IP Datasheet
64Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
More results

Similar Description - 27C16Q550

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ET2716 STMICROELECTRONICS-ET2716 Datasheet
298Kb / 6P
   16,384-BIT (2048 x 8) UV ERASABLE PROM MEMORY COMPONENTS
logo
National Semiconductor ...
MM2716E NSC-MM2716E Datasheet
599Kb / 6P
   16,384-Bit (2048 x 8) UV Erasable PROM Extended Temperature Range
MM1702A NSC-MM1702A Datasheet
355Kb / 6P
   MM1702A 2048-Bit (256 x 8 ) UV Erasable PROM
MM2716 NSC-MM2716 Datasheet
293Kb / 7P
   16,384-Bit(2048x8) UV Erasable PROM
logo
Advanced Micro Devices
AM27S191 AMD-AM27S191 Datasheet
416Kb / 10P
   16,384-BIT (2048 x 8) BIPOLAR PROM
logo
Motorola, Inc
MCM2532 MOTOROLA-MCM2532 Datasheet
208Kb / 6P
   4096 x 8-BIT UV ERASABLE PROM
logo
National Semiconductor ...
NMC27C256 NSC-NMC27C256 Datasheet
325Kb / 9P
   262, 144-Bit (32k X 8) UV Erasable CMOS PROM
logo
Fairchild Semiconductor
NMC27C16B FAIRCHILD-NMC27C16B Datasheet
335Kb / 9P
   16,384-Bit (2048 x 8) CMOS EPROM
logo
STMicroelectronics
ST27C1001 STMICROELECTRONICS-ST27C1001 Datasheet
132Kb / 2P
   1024K ( 128K X 8 ) CMOS UV ERASABLE PROM
logo
National Semiconductor ...
NMC2532 NSC-NMC2532 Datasheet
222Kb / 5P
   32k-Bit (4k x 8) UV Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com