Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP9926EO Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AP9926EO
Description  Power MOSFETs from APEC provide the designer with the best combination of fast switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AP9926EO Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AP9926EO Datasheet HTML 1Page - List of Unclassifed Manufacturers AP9926EO Datasheet HTML 2Page - List of Unclassifed Manufacturers AP9926EO Datasheet HTML 3Page - List of Unclassifed Manufacturers AP9926EO Datasheet HTML 4Page - List of Unclassifed Manufacturers AP9926EO Datasheet HTML 5Page - List of Unclassifed Manufacturers AP9926EO Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fig 5. Maximum Drain Current v.s.
Fig 6. Typical Power Dissipation
Case Temperature
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
AP9926EO
0.01
0.1
1
10
100
0.1
1
10
100
V DS (V)
T C =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
t , Pulse Width (s)
PDM
Duty Factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja=208
oC/W
t
T
0.02
0.05
0.1
0.2
Duty Factor=0.5
Single Pulse
0.01
0
0.2
0.4
0.6
0.8
1
1.2
0
50
100
150
T c , Case Temperature (
o C)
0
1
2
3
4
5
6
25
50
75
100
125
150
T c , Case Temperature (
o C)


Similar Part No. - AP9926EO

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9926EM-A A-POWER-AP9926EM-A Datasheet
71Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP9926EO

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
91034 VISHAY-91034 Datasheet
207Kb / 9P
   Third generation Power MOSFETs from Vishay provide the designer with the best combination of fast switching, ruggedlzed device design, low on-resistance and cost-effectiveness
21-Mar-11
91032 VISHAY-91032 Datasheet
175Kb / 9P
   the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness
Rev. C, 30-May-11
logo
Estek Electronics Co. L...
IW4011B ESTEK-IW4011B Datasheet
98Kb / 4P
   NAND gates provide the system designer with direct implementation of the NAND function
logo
Tiger Electronic Co.,Lt...
CD4011 TGS-CD4011 Datasheet
2Mb / 4P
   The CD4011 NAND gates provide the system designer with direct implementation of the NAND function
logo
NXP Semiconductors
BGU8007 PHILIPS-BGU8007 Datasheet
331Kb / 2P
   The best reception of GNSS signals with the smallest footprint
October 2011
logo
Vishay Siliconix
AN804 VISHAY-AN804 Datasheet
44Kb / 4P
   P-Channel MOSFETs, the Best Choice for High-Side Switching
10-Mar-97
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
   The Best Relaytion
V23105 MACOM-V23105 Datasheet
498Kb / 11P
   The Best Relaytion
IM00TS MACOM-IM00TS Datasheet
795Kb / 11P
   The Best Relaytion
IM07TS MACOM-IM07TS Datasheet
610Kb / 10P
   The Best Relaytion
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com