Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XRT71D04 Datasheet(PDF) 6 Page - Exar Corporation

Part No. XRT71D04
Description  4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EXAR [Exar Corporation]
Homepage  http://www.exar.com
Logo 

XRT71D04 Datasheet(HTML) 6 Page - Exar Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
XRT71D04
áç
áç
áç
áç
4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
REV. 1.1.1
5
23
STS1_0
I
SONET STS1 Mode Select - channel 0:
This pin along with the DS3/E3_0 select pin configures the XRT71D04 either in
E3, DS3 or STS-1 mode.
A table relating to the setting of the pins is given below:
STS-1
DS3/E3
XRT71D04 Operating Mode
0
0
DS3 (44.736 MHz)
0
1
E3 (34.368 MHz)
1
0
STS-1 (51.84 MHz)
1
1
E3 (34.368 MHz)
This input pin is active only in the Hardware Mode.
24
DS3/E3_0
I
DS3/E3 Select Input - channel 0:
See description pin 10.
Internal 50 K Ohm pull-down resistor.
25
DJA_0/SCLK
I
Harware Mode
Disable Jitter Attenuator Input - Channel 0:
An active-high disables the Jitter Attenuator. The RPOS/RNEG and RCLK will be
passed through without jitter attenuation.
Host Mode
Microprocessor Serial Interface Clock Signal:
This signal will be used to (1) sample the data, on the SDI pin, on the rising edge
of this signal. Additionally, during “Read” operations, the Microprocessor Serial
Interface will update the SDO output on the falling edge of this signal.
Internal 50 K Ohm pull-down resistor.
26
MCLK_3
I
Master Clock Input - channel 3:
Reference clock for internal PLL. 44.736MHz+/-20ppm or 34.368MHz+/-20ppm.
This clock must be continuous and jitter free with duty cycle between 30 to 70%.
It is permissible to use the EXCLK signal orSTS1 clock.
Internal 50 K Ohm pull-up resistor.
27
GND
****
Digital Ground
28
RCLK_3
I
Received Clock (Jittery) - channel 3:
Clock input RCLK3 should be connected to the recovered clock.
Internal 50 K Ohm pull-up resistor.
29
RPOS_2
I
Received Positive Data (Jittery) Input: - channel 2:
Data that is input on this pin is sampled on either the rising or falling edge of
RCLK depending on the setting of the RCLKES pin (pin 10).
If RCLKES is “high”, then RPOS will be sampled on the falling edge of RCLK.
If RCLKES is “low”, then RPOS will be sampled on the rising edge of RCLK.
Internal 50 K Ohm pull-up resistor.
30
RNEG_2
I
Received Negative Data (Jittery) - channel 2:
The input jittery negative data is sampled either on the rising or falling edge of
RCLK depending on the setting of RCLKES.
If RCLKES is “high”, then RNEG will be sampled on the falling edge of RCLK.
If RCLKES is “low”, then RPOS will be sampled on the rising edge of RCLK.
This pin is typically tied to the “RNEG” output pin of the LIU.
Internal 50 K Ohm pull-up resistor.
31
VDD
****
Digital Power Supply = 5V±5% or 3.3V±5%
PIN DESCRIPTION
PIN #NAME
TYPE
DESCRIPTION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn