Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XRT71D04 Datasheet(PDF) 18 Page - Exar Corporation

Part No. XRT71D04
Description  4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EXAR [Exar Corporation]
Homepage  http://www.exar.com
Logo EXAR - Exar Corporation

XRT71D04 Datasheet(HTML) 18 Page - Exar Corporation

Back Button XRT71D04 Datasheet HTML 14Page - Exar Corporation XRT71D04 Datasheet HTML 15Page - Exar Corporation XRT71D04 Datasheet HTML 16Page - Exar Corporation XRT71D04 Datasheet HTML 17Page - Exar Corporation XRT71D04 Datasheet HTML 18Page - Exar Corporation XRT71D04 Datasheet HTML 19Page - Exar Corporation XRT71D04 Datasheet HTML 20Page - Exar Corporation XRT71D04 Datasheet HTML 21Page - Exar Corporation XRT71D04 Datasheet HTML 22Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
XRT71D04
áç
áç
áç
áç
4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
REV. 1.1.1
17
2.0
OPERATING MODES
2.1
HARDWARE MODE
The HOST pin is used to select the operating mode of
the XRT71D04. In Hardware mode (connect this pin
to ground), the serial processor interface is disabled
and hard-wired pins are used to control configuration
and report status.
2.2
HOST MODE:
In Host mode (connect this pin to VDD), the serial
port interface pins are used to control configuration
and status report. In this mode, serial interface pins :
SDI, SDO,SCLK and CS are used.
A listing of these Command Registers, their Address-
es, and their bit-formats are listed below in Table 4.
TABLE 2: XRT71D04 MAXIMUM JITTER TOLERANCE
APPLICATION
DS3
E3
STS-1
FIFO SIZE
16
32
16
32
16
32
FREQ. (HZ)
UI (PEAK TO PEAK)UI (PEAK TO PEAK)UI (PEAK TO PEAK)
10
34.313
>64
26.689
53.313
20
21.439
43.188
18.564
37.438
30
18.314
36.813
16.689
33.938
40
16.939
34.313
16.064
32.688
50
16.314
33.188
15.689
32.063
60
16.064
32.563
15.564
31.689
80
15.689
31.814
15.314
31.314
100
15.439
31.439
15.314
31.189
125
15.439
31.314
15.189
31.064
150
15.314
31.189
15.189
31.064
200
15.314
31.064
15.189
30.939
300
15.189
30.939
15.064
30.939
500
15.189
30.939
15.064
30.939
>1000
15.0189
30.939
15.189
30.939
TABLE 3: FUNCTIONS OF DUAL MODE PINS IN
HARDWARE MODE CONFIGURATION
PIN #PIN NAME
FUNCTION, WHILE IN THE
HARDWARE MODE
25
DJA0/SCLK
DJA0
37
DJA2/(CS)DJA2
77
DJA1/(SDI)
DJA1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn