Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XRT71D04 Datasheet(PDF) 12 Page - Exar Corporation

Part No. XRT71D04
Description  4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EXAR [Exar Corporation]
Homepage  http://www.exar.com
Logo 

XRT71D04 Datasheet(HTML) 12 Page - Exar Corporation

Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
XRT71D04
áç
áç
áç
áç
4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
REV. 1.1.1
11
DC Electrical Characteristics (TA = 25°C, VDD = 3.3 V ± 5 % unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Power Supply Voltage
VDD
3.135
3.3
3.465
V
Input High Voltage
VIH
2.0
5.25
V
Input Low Voltage
VIL
-0.5
0.8
V
Output High Voltage @ IOH=-5mA
VOH
2.4
V
Output Low Voltage @ IOL=5mA
VOL
0.4
V
Supply Current ( E3)
Icc
95
mA
Supply Current ( DS3 )
Icc
110
mA
Supply Current ( STS-1)
Icc
125
Input Leakage Current(except Input pins with Pull-up resistor.
IL
± 10
µA
Input Capacitance
CI
5.0
pF
Output Load Capacitance
CL
25
pF
DC Electrical Characteristics (TA = 25°C, VDD = 5.0 V ± 5 % unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Power Supply Voltage
VDD
4.75
5.0
5.25
V
Input High Voltage
VIH
2.0
5.25
V
Input Low Voltage
VIL
-0.5
0.8
V
Output High Voltage @ IOH=-5mA
VOH
2.4
V
Output Low Voltage @ IOL=5mA
VOL
0.4
V
Supply Current ( E3)
Icc
140
mA
Supply Current ( DS3 )
Icc
170
mA
Supply Current ( STS-1)
Icc
190
Input Leakage Current(except Input pins with Pull-up resistor.
IL
± 10
µA
Input Capacitance
CI
5.0
pF
Output Load Capacitance
CL
25
pF
ABSOLUTE MAXIMUM RATINGS:
Supply Range
-0.5 V to + 6.0 V
ESD Rating
> 2000 V on all pins
Operating Temperature
-400C to +850C
Storage Temperature
-65
°C to + 150°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn