Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XRT71D04 Datasheet(PDF) 11 Page - Exar Corporation

Part No. XRT71D04
Description  4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EXAR [Exar Corporation]
Homepage  http://www.exar.com
Logo 

XRT71D04 Datasheet(HTML) 11 Page - Exar Corporation

Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
áç
áç
áç
áç
XRT71D04
4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
REV. 1.1.1
10
Microprocessor Serial Interface Timing ( see Figure 4 )
Electrical Characteristics (TA = 25°C, VDD = 3.3 V to 5.0 V ± 5 % unless otherwise specified)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS.
t21
CS Low to Rising Edge of SClk Setup Time
50
ns
t22
SClk to CS Hold Time
20
ns
t23
SDI to Rising Edge of SClk Setup Time
50
ns
t24
SDI to Rising Edge of SClk Hold Time
50
ns
t25
SClk “Low” Time
240
ns
t26
SClk “High” Time
240
ns
t27
SClk Period
500
ns
t28
SClk to CS Hold Time
50
ns
t29
CSB “Inactive” Time
250
ns
t30
Falling Edge of SClk to SDO Valid Time
200
ns
t31
Falling Edge of SClk to SDO Invalid Time
100
ns
t32
Falling Edge of SClk, or rising edge of CS to High Z
100
ns
FIGURE 4. TIMING DIAGRAM FOR THE MICROPROCESSOR SERIAL INTERFACE
SDI
R/W
A1
A0
CS
SClk
CS
SClk
SDI
SDO
D0
D1
D2
D7
t22
t21
t23
t24
t25
t26
t27
t28
t29
t30
t31
t32
t33
Hi-Z
Hi-Z


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn