Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XRT71D04 Datasheet(PDF) 10 Page - Exar Corporation

Part No. XRT71D04
Description  4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EXAR [Exar Corporation]
Homepage  http://www.exar.com
Logo 

XRT71D04 Datasheet(HTML) 10 Page - Exar Corporation

Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
XRT71D04
áç
áç
áç
áç
4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
REV. 1.1.1
9
ELECTRICAL CHARACTERISTICS
AC Electrical Characteristics
Electrical Characteristics (TA = 25°C, VDD = 3.3 V t0 5.0 V± 5 % unless otherwise specified)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS.
MClk
Duty Cycle
30
50
70
%
MClk
Frequency E3 + 20 ppm
34.368
MHz
MClk
Frequency DS3 + 20 ppm
44.736
MHz
MClk
Frequency STS-1 + 20 ppm
51.84
MHz
RClk
Duty Cycle
30
50
70
%
RClk
Rise Time
5ns
RClk
Fall Time
5ns
tsu
RPOS/RNEG to RClk rise time setup
5
ns
th
RPOS/RNEG to RClk rising hold time
5
ns
td
RRPOS/RRNEG delay from RRClk rising
5
ns
te
RRPOS/RRNEG delay from RRClk falling
5
ns
FIGURE 3. INPUT/OUTPUT TIMING
t
h
t
su
t
d
t
e
t
su
t
h
RCLK
RCLK
RPOS/RNEG
RPOS/RNEG
RCLK
RPOS/RNEG
RPOS/RNEG
RCLK
RClkES = 0
RClkES = 1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn