Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMA8864-04 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CMA8864-04
Description  I2C, Mixed Voltage clock Synthesizer with Buffer for PENTIUMTM & II CPU/PCI system
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CMA8864-04 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  CMA8864-04 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMA8864-04 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMA8864-04 Datasheet HTML 3Page - List of Unclassifed Manufacturers CMA8864-04 Datasheet HTML 4Page - List of Unclassifed Manufacturers CMA8864-04 Datasheet HTML 5Page - List of Unclassifed Manufacturers CMA8864-04 Datasheet HTML 6Page - List of Unclassifed Manufacturers CMA8864-04 Datasheet HTML 7Page - List of Unclassifed Manufacturers CMA8864-04 Datasheet HTML 8Page - List of Unclassifed Manufacturers CMA8864-04 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CMEI
8
CMA8864-04
6F, No. 100, Sec. 4, Civil Boulevard, Taipei, Taiwan
TEL: (02)8773-1100
FAX: 886-2-8773-2211
WWW : http://www.cmedia.com.tw
Ver. 1.2
DC CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITION
Idd
Dynamic Supply Current
-
TBD
mA
CPU=66.6MHz, PCI=33.3MHz
Vil
Input Low Voltage
VSS-0.3
0.8
VDC
Vih
Input High Voltage
2.0
VDD-0.3
VDC
VDD=3.3V¡ Ó
5%
Iil
Input Leakage Current
-5
+5
uA
0<Vin<VDD
Voh2
2.5V Output High Voltage
2.0
-
V
VDDL=2.375V to 2.9V, Ioh=-1mA
Vol2
2.5V Output Low Voltage
-
0.4
V
VDDL=2.375V to 2.9V, Iol=1mA
Voh3
3.3V Output High Voltage
2.4
-
V
VDD3=3.3V
¡ Ó
5%, Ioh=-1mA
Vol3
3.3V Output Low Voltage
-
0.4
V
VDD3=3.3V
¡ Ó
5%, Iol=1mA
Vpoh
PCI bus Output High Voltage
2.4
-
V
VDD2=3.3V
¡ Ó
5%, Ioh=-1mA
Vpol
PCI bus Output High Voltage
-
0.55
V
VDD2=3.3V
¡ Ó
5%, Iol=1mA
Ioz
Tristate Leakage Current
-
10
uA
Isc
Short Circuit Current
25
-
mA
1 output at a time - 30 seconds
AC CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
Typ.
MAX. UNIT
CONDITION
T
Hrise, THfall
Host clock Rise and Fall Time
0.4
1.6
ns
20pf load/CPU and PCI outputs
T
HCP
Host Clock Period
15/16.7
-
-
ns
Measured at 1.25V, 66/60MHz
T
HCH
Host Clock High Time
5.2/6.0
-
ns
Measured at 2.0V, 66/60MHz
T
HCL
Host Clock Low Time
5.0/5.8
-
-
ns
Measured at 0.4V, 66/60MHz
Duty Cycle
Duty cycle
45
50
55
%
Refer to Notes below
T
HSKW
Buffer out Skew All Host CLK
-
-
250
ps
Refer to Notes below
T
JAB
Jitter absolute, Host clock
-
-
250
ps
Refer to Notes below
T
STB
Host/PCI clock stabilization
from power-up
-
-
3
ms
Refer to Notes below,
VDDL=3.3V
Toff
Host to PIC Offset
1.0
-
4.0
ns
Refer to Notes below
T
HSSKW
Host to SDRAM skew
-
-
250
ps
Refer to Notes below
T
PCP
PCI clock period
30/33.3
-
-
ns
Measured at 1.5V, 66/60MHz
T
PCH
PCI clock High Time
12/13.3
-
-
ns
Measured at 2.4, 66/60MHz
T
PCL
PCI clock Low Time
12/13.3
-
-
ns
Measured at 0.4, 66/60MHz
T
PSKW
Buffer out skew all PCICLK
-
-
500
ps
Refer to Notes below
Iol
Switching Current Low
TBD
60
TBD
mA
Vol=1.5V
Ioh
Switching Current High
TBD
60
TBD
mA
Voh=1.5V
Notes : Clock period, Jitter, Offset and skew are measured on the rising edge clocks at 1.25V for the 2.5V
clocks and 1.5V for the 3.3V clocks.


Similar Part No. - CMA8864-04

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMA806 APITECH-CMA806 Datasheet
100Kb / 1P
   AWS / BAS Interference Mitigation Filter
CMA806-2 APITECH-CMA806-2 Datasheet
100Kb / 1P
   AWS / BAS Interference Mitigation Filter
logo
IXYS Corporation
CMA80E1600HB IXYS-CMA80E1600HB Datasheet
378Kb / 5P
   Single Thyristor
logo
Inchange Semiconductor ...
CMA80E1600HB ISC-CMA80E1600HB Datasheet
241Kb / 2P
   isc Thyristors
logo
IXYS Corporation
CMA80MT1600NHB IXYS-CMA80MT1600NHB Datasheet
371Kb / 5P
   Three Quadrants operation
More results

Similar Description - CMA8864-04

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346 Datasheet
179Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346 SPECTRALINEAR-CY28346 Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346 SILABS-CY28346 Datasheet
200Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2 Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346-2 SPECTRALINEAR-CY28346-2 Datasheet
168Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346_05 Datasheet
274Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com