Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XP151A02BOMR Datasheet(PDF) 4 Page - Torex Semiconductor

Part No. XP151A02BOMR
Description  N-Channel Power MOS FET with low on-state resistance and ultra High-Speed Switching Characteristics.
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XP151A02BOMR Datasheet(HTML) 4 Page - Torex Semiconductor

  XP151A02BOMR Datasheet HTML 1Page - Torex Semiconductor XP151A02BOMR Datasheet HTML 2Page - Torex Semiconductor XP151A02BOMR Datasheet HTML 3Page - Torex Semiconductor XP151A02BOMR Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
449
u
■ XP151A02B0MR Characteristics
1000
10
100
010
20
   Drain/Source Voltage:Vds (V)
Drain/Source Voltage vs. Capacitance
Vgs=0V , f=1MHz
Ciss
Coss
Crss
1000
1
100
10
0.1
1
10
      Drain Current:Id (A)
Switching Time vs. Drain Current
   
Vgs=5V, Vdd
10V, PW=10
µsec. duty≦1%
tf
tr
td(off)
td(on)
10
8
6
4
2
0
02468
    Gate Charge:Qg (nc)
Gate/Source Voltage vs. Gate Charge
  
Vds=10V, Id=0.8A
0,-4.5V
2.5V
Vgs=4.5V
2.5
2.0
1.5
1.0
0.5
0.0
0
0.2
0.4
0.6
0.8
1
Source/Drain Voltage:Vsd (V)
    
Reverse Drain Current vs. Source/Drain Voltage
Pulse Test
Single Pulse
10
0.0001
0.01
0.001
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width:PW (sec)
Standardized Transition Thermal Resistance vs. Pulse Width
Rth (ch-a)=250˚C/W, (Implemented on a glass epoxy PCB)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn