Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9505B092A Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC9505B092A
Description  2ch. Step-Down / Inverting DC/DC Controller ICs
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9505B092A Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC9505B092A Datasheet HTML 6Page - Torex Semiconductor XC9505B092A Datasheet HTML 7Page - Torex Semiconductor XC9505B092A Datasheet HTML 8Page - Torex Semiconductor XC9505B092A Datasheet HTML 9Page - Torex Semiconductor XC9505B092A Datasheet HTML 10Page - Torex Semiconductor XC9505B092A Datasheet HTML 11Page - Torex Semiconductor XC9505B092A Datasheet HTML 12Page - Torex Semiconductor XC9505B092A Datasheet HTML 13Page - Torex Semiconductor XC9505B092A Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Notes on how to use
Hint on application
1. Channel 2 ( Inverting )
Soft start circuit
> Example of typical application circuit : Improved Soft start
Time to make soft start time is calculated by the equation below.
Example )
When VOUT1 = 3.3V and VOUT2 = - 7.5V,
RFB21 = 350k
Ω, RFB22 = 100kΩ by the equation below.
VOUT2 = (0.9 - VOUT1) x (RFB21 / RFB22) + 0.9
When the light load, CFB21=0.1
µF or lower value can be used.
Therefore, when CFB21=0.027
µF,
Time_ss2 = 5.0mS and VOUT2 = 95% of setting value
2. Channel 2 (Inverting)
Withstand voltage of transistor
The voltage applied between the drain and source is the sum of VIN and VOUT 2.
Select a transistor with an absolute VDSS rating that is suitable for your operating conditions.
Example: The voltage applied across VDS of a transistor will be 20.0V if VIN = 5.0 V and VOUT 2 = -15.0 V.
This example is effective when EN 1 and EN 2 are enabled with different timings under light load condition (the coil current being
discontinuous).
Under this condition, a transistor with VDSS higher than 20.0V should be selected. (Use a transistor with VDSS
that is 1.5 times the applied voltage or more, as a standard.)
Channel 2 (inverting) is subject to the overshoot of output voltage 2 (VOUT 2) at start-up. It is possible to control the overshoot of
output voltage 2 (VOUT 2), as shown by circuit example 1 in “Output Voltage Settings for Channel 2” in “Function Settings.”
  In this
circuit configuration, EN 1 and EN 2 are enabled (set to “H” level) simultaneously. This lets output voltage 1 (VOUT 1) of channel 1
increase gently as soft start, thereby controlling the overshoot.
XC9505 Series
2ch. Step-Down / Inverting DC/DC Controller ICs
SBD2
VOUT1
FB2
Inside of
XC9505 IC
RFB21
CFB21
VOUT2
CL2
RFB22
EN2
ON/OFF
signal
Pch
MOSFET1
R1
Nch
MOSFET2
Time SS2 = - R FB21 x C CFB21 / Ln
1 -
(0.9 - V OUT2 ) x R FB22 )
(V OUT1 - 0.9) x R FB21
10


Similar Part No. - XC9505B092A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9505 TOREX-XC9505 Datasheet
3Mb / 50P
   2 ch.Step-Down / Inverting DC/DC Controller ICs.
XC9505 TOREX-XC9505_1 Datasheet
3Mb / 50P
   2 ch.Step-Down / Inverting DC/DC Controller ICs.
More results

Similar Description - XC9505B092A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
XC9505 TOREX-XC9505_1 Datasheet
3Mb / 50P
   2 ch.Step-Down / Inverting DC/DC Controller ICs.
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
ON Semiconductor
LV5044V ONSEMI-LV5044V Datasheet
238Kb / 7P
   2ch step-down circuit DC-DC Converter Controller
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com