Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9505 Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC9505
Description  2ch. Step-Down / Inverting DC/DC Controller ICs
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9505 Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC9505 Datasheet HTML 4Page - Torex Semiconductor XC9505 Datasheet HTML 5Page - Torex Semiconductor XC9505 Datasheet HTML 6Page - Torex Semiconductor XC9505 Datasheet HTML 7Page - Torex Semiconductor XC9505 Datasheet HTML 8Page - Torex Semiconductor XC9505 Datasheet HTML 9Page - Torex Semiconductor XC9505 Datasheet HTML 10Page - Torex Semiconductor XC9505 Datasheet HTML 11Page - Torex Semiconductor XC9505 Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
Functional Settings
< Output Voltage Setting, Ch.1 (Step-up DC/DC Converter Controller) >
VOUT1=0.9
× (RFB11+RFB12) / RFB12
[Calculation Example]
When RFB11=220k
Ω and RFB12=75kΩ : VOUT1=0.9 × (200k+75k) / 75k=3.3V.
[Typical Example]
< Output Voltage Setting, Ch.2 (Inverting DC/DC Converter) >
VOUT2 = (0.9 - VOUT1) x (RFB21 / RFB22) + 0.9V
[Calculation Example]
When RFB21=17.5k
Ω, RFB22=10kΩ, VOUT1=3.3V, VOUT2= - 3.3V
The value of speed-up capacitor for phase compensation CFB21 :
[Conditions: Heavy load (when coil current is continous.)]
fzfb2 = 1/2 x
π x CFB21 x RFB21) = 10kHz
[Conditions: Light load (when coil current is discontinous.)]
Less than CFB21=0.1
µF
Depending on the application, the inductance value L, and the load capacity value CL, adjustments to this value are suggested.
> Example Circuit 1 : Using voltage of Ch 1 (Step-Down)
> Example Circuit 1 : Using a positive regulator
VOUT2 = (0.9 - VROUT) x (RFB21 / RFB22) + 0.9V
Channel 1 (Step-Down) circuits should be enable by setting EN1 to
High level so that a stable voltage is provided. Inrush current to the
inverter when the supply voltage VDD of the IC is 2.0 V or higher can
be controlled by setting EN 1 and EN 2 to enable (“H” level)
simultaneously.
A stable positive voltage produced by a positive-voltage regulator or
by other means is usable.
Depending on the application, the inductance value L, and the load capacity value CL, adjustments to this value are suggested so that the
value is somewhere between 1kHz to 50kHz.
2.0
2.2
VOUT
(V)
5.0
3.0
3.3
VOUT
(V)
1.0
1.5
1.8
220
220
62
560
240
24
180
33
33
220
330
62
360
2.7
30
270
430
390
220
2.5
RFB12
(k
Ω)
CFB1
(pF)
2ch. Step-Down / Inverting DC/DC Controller ICs
RFB11
(k
Ω)
RFB12
(k
Ω)
CFB1
(pF)
RFB11
(k
Ω)
Output voltage can be set by adding reference voltage and split resistors externally. Output voltage is determined using the following
equation and is based on the values of RFB21 and RFB22. The sum of RFB21 and RFB22 should normally be 500k
or less. The
equation uses Ch 1's (VOUT1) output voltage calculation method for the reference voltage.
XC9505 Series
390
270
33
82
18
160
200
75
62
The speed-up capacitor for phase compensation's (CFB1) value should be adjusted using the formula fzfb=1/(2
×π×CFB1×RFB11) so that it
equals 12kHz. Depending on the application, the inductance value L, and the load capacity value CL, adjustments to this value are
suggested so that the value is somewhere between 1kHz to 50kHz.
Output voltage can be set by adding external split resistors. Output voltage is determined by the following equation, based on the values of
RFB11 and RFB12. The sum of RFB11 and RFB12 should normally be 1 M
or less.
330
270
39
SBD2
RFB21
CFB21
VOUT2
CL2
RFB22
VOUT1
FB2
Inside of XC9505 IC
SBD2
RFB21
CFB21
VOUT2
CL2
RFB22
FB2
Inside of
XC9505 IC
VR
To the other
circuit
VR_OUT
8


Similar Part No. - XC9505

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9505 TOREX-XC9505 Datasheet
3Mb / 50P
   2 ch.Step-Down / Inverting DC/DC Controller ICs.
XC9505 TOREX-XC9505_1 Datasheet
3Mb / 50P
   2 ch.Step-Down / Inverting DC/DC Controller ICs.
More results

Similar Description - XC9505

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
XC9505 TOREX-XC9505_1 Datasheet
3Mb / 50P
   2 ch.Step-Down / Inverting DC/DC Controller ICs.
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
ON Semiconductor
LV5044V ONSEMI-LV5044V Datasheet
238Kb / 7P
   2ch step-down circuit DC-DC Converter Controller
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com