Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1683837 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 1683837
Description  Sensor/Actuator cable - SAC-3P-10,0-PUR/B-1L-S
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1683837 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1683837 Datasheet HTML 1Page - PHOENIX CONTACT 1683837 Datasheet HTML 2Page - PHOENIX CONTACT 1683837 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1683837
12.11.2013   Page 1 / 3
Sensor/Actuator cable - SAC-3P-10,0-PUR/B-1L-S - 1683837
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Sensor/Actuator cable, 3-position, PUR/PVC, Black RAL 9005, Free cable end, on Valve connector B (10 mm),
with 1 LED, connected with Z diode, Cable length: 10 m
 
Key commercial data
Packing unit
1 1
Weight per Piece (excluding packing)
525.4 GRM
Custom tariff number
85444290
Country of origin
Germany
Classifications
eCl@ss
eCl@ss 4.0
27060306
eCl@ss 4.1
27060306
eCl@ss 5.0
27061801
eCl@ss 5.1
27061801
eCl@ss 6.0
27061801
eCl@ss 7.0
27061801
eCl@ss 8.0
27061801
ETIM
ETIM 2.0
EC000830
ETIM 3.0
EC001855
ETIM 4.0
EC001855
ETIM 5.0
EC001855
UNSPSC
UNSPSC 6.01
31251501
UNSPSC 7.0901
31251501


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn