Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1683701 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. 1683701
Description  SACB-8Q/4P- 5,0PUR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1683701 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1683701 Datasheet HTML 1Page - PHOENIX CONTACT 1683701 Datasheet HTML 2Page - PHOENIX CONTACT 1683701 Datasheet HTML 3Page - PHOENIX CONTACT 1683701 Datasheet HTML 4Page - PHOENIX CONTACT 1683701 Datasheet HTML 5Page - PHOENIX CONTACT 1683701 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SACB-8Q/4P- 5,0PUR Order No.: 1683701
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1683701
PHOENIX CONTACT Inc., USA
Page 3 / 6
http://www.phoenixcon.com
Jan 3, 2011
Note on the frequency of connections
if the conductor is connected more than once, seal and cap may
need to be replaced.
Conductor cross section stranded max.
0.75 mm²
Conductor cross section stranded min.
0.34 mm²
Conductor cross section AWG/kcmil min.
22
Conductor cross section AWG/kcmil max
18
Insulation material
Housing material
PA
Material of the moulding mass
PUR
Contact material
Steel/copper
Contact surface material
Sn
Pin assignment
Slot/position = Wire color or connection
1 / 4 (A) = WH
2 / 4 (A) = GN
3 / 4 (A) = YE
4 / 4 (A) = GY
5 / 4 (A) = PK
6 / 4 (A) = RD
7 / 4 (A) = BK
8 / 4 (A) = VT
1-8 / 1 (+ 120 V) = BN
1-8 / 3 (0 V) = BU
1-8 / 5 (PE) = GN/YE
Certificates / Approvals
Certification
CUL, GOST, UL


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn