Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1683662 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 1683662
Description  Sensor/actuator box - SACB-4Q/4P- 5,0PUR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1683662 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1683662 Datasheet HTML 1Page - PHOENIX CONTACT 1683662 Datasheet HTML 2Page - PHOENIX CONTACT 1683662 Datasheet HTML 3Page - PHOENIX CONTACT 1683662 Datasheet HTML 4Page - PHOENIX CONTACT 1683662 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/1683662
10/24/2016   Page 2 / 5
Sensor/actuator box - SACB-4Q/4P- 5,0PUR - 1683662
Technical data
Ambient conditions
Degree of protection
IP65
IP67
Ambient temperature (operation)
-25 °C ... 60 °C
-40 °C ... 90 °C (for fixed installation)
-5 °C ... 80 °C (for flexible installation)
Master cable connection data
Connection method
Fixed connection
Length of cable
5 m
Conductor data
Structure of individual litz in acc. with VDE 0295 / smallest wire diameter
Class 2-6 // 0.34 mm²: 0.1 mm; 0.5 - 0.75 mm²: 0.15 mm
Wire insulation material
PVC/PE
Wire diameter including insulation
≤ 2.5 mm
Minimum external conductor diameter
4 mm
Maximum external conductor diameter
7.5 mm
Tightening torque, union nut
2.5 Nm
Wrench size, union nut
22 mm
Note on the frequency of connections
if the conductor is connected more than once, seal and cap may need to
be replaced.
Conductor cross section flexible min.
0.34 mm²
Conductor cross section flexible max.
0.75 mm²
Conductor cross section AWG min.
22
Conductor cross section AWG max.
18
Insulation material
Housing material
PA
Material of the moulding mass
PUR
Contact material
Steel/copper
Contact surface material
Sn
Pin assignment
Slot/position = Wire color or connection
1 / 4 (A) = WH
2 / 4 (A) = GN
3 / 4 (A) = YE
4 / 4 (A) = GY
1-4 / 1 (+ 120 V) = BN
1-4 / 3 (0 V) = BU
1-4 / 5 (PE) = GN/YE


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn