Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1683662 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 1683662
Description  Sensor/actuator box - SACB-4Q/4P- 5,0PUR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1683662 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1683662 Datasheet HTML 1Page - PHOENIX CONTACT 1683662 Datasheet HTML 2Page - PHOENIX CONTACT 1683662 Datasheet HTML 3Page - PHOENIX CONTACT 1683662 Datasheet HTML 4Page - PHOENIX CONTACT 1683662 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1683662
10/24/2016   Page 1 / 5
Sensor/actuator box - SACB-4Q/4P- 5,0PUR - 1683662
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Sensor/actuator box, Application: Standard, Connection method: QUICKON, 0.34 mm² ... 0.75 mm², Number
of slots: 4, Number of positions: 4, Slot assignment: single, Status indication: No, Universal; Master cable
connection: Fixed connection 180°, PUR/PVC, Cable length: 5 m, Shielding: No
The illustration shows a version with
8 QUICKON connections
Why buy this product
 Safety in the field, thanks to molded housing and high degree of protection
 Flexible, distributed bundling of signals in one master cable
 Innovative and time-saving assembly with insulation displacement connection
Key Commercial Data
Packing unit
1 STK
Weight per Piece (excluding packing)
685.000 g
Custom tariff number
85444290
Country of origin
Poland
Technical data
General
Rated voltage
120 V
Max. operating voltage Umax
135 V
Current carrying capacity per I/O signal
4 A
Current carrying capacity per slot
4 A
Total rated current
12 A
Number of positions
4
Number of slots
4
Flammability rating according to UL 94
V0
Sensor/actuator connection system
QUICKON


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn