Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1683662 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part No. 1683662
Description  Sensor/actuator box - SACB-4Q/4P- 5,0PUR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1683662 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1683662 Datasheet HTML 1Page - PHOENIX CONTACT 1683662 Datasheet HTML 2Page - PHOENIX CONTACT 1683662 Datasheet HTML 3Page - PHOENIX CONTACT 1683662 Datasheet HTML 4Page - PHOENIX CONTACT 1683662 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/us/products/1683662
10/24/2016   Page 4 / 5
Sensor/actuator box - SACB-4Q/4P- 5,0PUR - 1683662
Technical data
Cable
Ambient temperature (operation)
-40 °C ... 90 °C (cable, fixed installation)
-5 °C ... 80 °C (cable, flexible installation)
Drawings
Schematic diagram
4
3
1
5
QUICKON connection, 4-pos.
Cable cross section
PUR/PVC black [PUR]
Circuit diagram
4
4
4
4
4
4
4
1
1
1
1
1
1
1
3
3
3
3
3
3
3
5
5
5
5
5
5
5
1/4
2/4
4/4
5/4
6/4
7/4
8/4
-
+
1
2
4
5
6
7
8
Dimensional
drawing
Approvals
Approvals
Approvals
UL Recognized / cUL Recognized / EAC / cULus Recognized
Ex Approvals
Approval details


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn