Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1683662 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. 1683662
Description  Sensor/actuator box - SACB-4Q/4P- 5,0PUR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1683662 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1683662 Datasheet HTML 1Page - PHOENIX CONTACT 1683662 Datasheet HTML 2Page - PHOENIX CONTACT 1683662 Datasheet HTML 3Page - PHOENIX CONTACT 1683662 Datasheet HTML 4Page - PHOENIX CONTACT 1683662 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/us/products/1683662
10/24/2016   Page 3 / 5
Sensor/actuator box - SACB-4Q/4P- 5,0PUR - 1683662
Technical data
Standards and Regulations
Connection in acc. with standard
CUL
Flammability rating according to UL 94
V0
Cable
Cable type
PUR/PVC black
Cable type (abbreviation)
PUR
Cable abbreviation
LiYY11Y-HF
UL AWM style
20549
Conductor cross section
4x 0.34 mm² (Signal line)
3x 0.75 mm² (power line)
AWG signal line
22
AWG power supply
18
Conductor structure signal line
19x 0.15 mm
Conductor structure, voltage supply
42x 0.15 mm
Core diameter including insulation
1.3 mm ±0.1 mm (Signal line)
1.8 mm ±0.1 mm (power line)
Overall twist
Wires twisted in layers
External sheath, color
black RAL 9005
Inner sheath thickness
≥ 0.15 mm
Outer sheath thickness
≥ 0.38 mm
External cable diameter D
6.9 mm ±0.2 mm
Minimum bending radius, fixed installation
7.5 x D
Minimum bending radius, flexible installation
10 x D
Number of bending cycles
1500000
Bending radius
69 mm
Traversing path
2 m
Traversing rate
2 m/s
Cable weight
77.9 kg/km
Outer sheath, material
PUR
Material, inner sheath
PVC
Material conductor insulation
PVC
Conductor material
Bare Cu litz wires
Nominal voltage, cable
300 V
Test voltage, cable
2000 V
Special properties
Silicone-free
Flame resistance
DIN EN 50265
Resistance to oil
As per VDE 0472 Part 803
Other resistance
Highly resistant to acids, alkaline solutions and solvents


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn