Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1680995 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1680995
Description  SACB-8/ 8-10,0PUR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1680995 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1680995 Datasheet HTML 1Page - PHOENIX CONTACT 1680995 Datasheet HTML 2Page - PHOENIX CONTACT 1680995 Datasheet HTML 3Page - PHOENIX CONTACT 1680995 Datasheet HTML 4Page - PHOENIX CONTACT 1680995 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Jan 3, 2011
Extract from the online
catalog
 
SACB-8/ 8-10,0PUR
Order No.: 1680995
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1680995
 
 
Sensor/actuator box, M12 female connector, Number of slots: 8,
Number of positions: 4, Slot assignment: Single, Status indication: No,
Universal 180°, PUR/PVC, Cable length: 10 m, Shielding: No
 
Commercial data
GTIN (EAN)
4
017918
171230
sales group
D101
Pack
1 pcs.
Customs tariff
85366990
Catalog page information
Page 114 (PC-2009)
Product notes
WEEE/RoHS-compliant since:
03/16/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Rated voltage
120 V
Max. operating voltage Umax
135 V
Current carrying capacity per I/O signal
2 A
Current carrying capacity per slot
4 A


Similar Part No. - 1680995

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1680908 PHOENIX-1680908 Datasheet
156Kb / 5P
   SACB-6/12- 5,0PUR
1680924 PHOENIX-1680924 Datasheet
156Kb / 6P
   SACB-8/16- 5,0PUR
1680937 PHOENIX-1680937 Datasheet
156Kb / 6P
   SACB-8/16-10,0PUR
1680940 PHOENIX-1680940 Datasheet
150Kb / 5P
   SACB-4/4- 5,0PUR
1680953 PHOENIX-1680953 Datasheet
150Kb / 5P
   SACB-4/4-10,0PUR
More results

Similar Description - 1680995

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1695171 PHOENIX-1695171 Datasheet
164Kb / 6P
   SACB-8/ 8-L-10,0PUR
1517055 PHOENIX-1517055 Datasheet
163Kb / 6P
   SACB-8/ 8-10,0PUR SCO
1680898 PHOENIX-1680898 Datasheet
153Kb / 5P
   SACB-4/ 8-10,0PUR
1680937 PHOENIX-1680937 Datasheet
156Kb / 6P
   SACB-8/16-10,0PUR
1503069 PHOENIX-1503069 Datasheet
98Kb / 4P
   SACB-C-H180-8/ 8-10,0PUR
1517071 PHOENIX-1517071 Datasheet
168Kb / 7P
   SACB-8/16-10,0PUR SCO
1516580 PHOENIX-1516580 Datasheet
92Kb / 4P
   SACB-C-H180-8/ 8-10,0PUR SCO
1551095 PHOENIX-1551095 Datasheet
92Kb / 4P
   SACB- 8/3-10,0PUR-M8
1695207 PHOENIX-1695207 Datasheet
163Kb / 6P
   SACB-8/16-L-10,0PUR
1457377 PHOENIX-1457377 Datasheet
146Kb / 6P
   SACB-8/16-10,0PUR OD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com