Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO7600 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AO7600
Description  Complementary Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AO7600 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AO7600 Datasheet HTML 1Page - List of Unclassifed Manufacturers AO7600 Datasheet HTML 2Page - List of Unclassifed Manufacturers AO7600 Datasheet HTML 3Page - List of Unclassifed Manufacturers AO7600 Datasheet HTML 4Page - List of Unclassifed Manufacturers AO7600 Datasheet HTML 5Page - List of Unclassifed Manufacturers AO7600 Datasheet HTML 6Page - List of Unclassifed Manufacturers AO7600 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AO7600
Symbol
Min
Typ
Max
Units
BVDSS
20
V
1
TJ=55°C
5
IGSS
25
µA
VGS(th)
0.5
0.75
0.9
V
ID(ON)
5A
181
300
TJ=125°C
253
330
237
350
m
317
450
m
gFS
2.6
S
VSD
0.69
1
V
IS
0.4
A
Ciss
101
120
pF
Coss
17
pF
Crss
14
pF
Rg
34
Qg
1.57
1.9
nC
Qgs
0.13
nC
Qgd
0.36
nC
tD(on)
3.2
ns
tr
4ns
tD(off)
15.5
ns
tf
2.4
ns
trr
6.7
8.1
ns
Qrr
1.6
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
VDS=5V, ID=0.8A
VGS=4.5V, ID=0.9A
Forward Transconductance
Output Capacitance
Reverse Transfer Capacitance
Input Capacitance
VGS=0V, VDS=10V, f=1MHz
Diode Forward Voltage
IS=0.5A,VGS=0V
Maximum Body-Diode Continuous Current
DYNAMIC PARAMETERS
Turn-On DelayTime
Turn-On Rise Time
Gate resistance
VGS=0V, VDS=0V, f=1MHz
VGS=4.5V, VDS=10V, ID=0.8A
SWITCHING PARAMETERS
m
VGS=2.5V, ID=0.75A
VGS=1.8V, ID=0.7A
RDS(ON)
Static Drain-Source On-Resistance
Gate Threshold Voltage
VDS=VGS ID=250µA
On state drain current
VGS=4.5V, VDS=5V
µA
Gate-Body leakage current
VDS=0V, VGS=±8V
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS=16V, VGS=0V
N-Channel: Electrical Characteristics (TJ=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
Body Diode Reverse Recovery Charge
Total Gate Charge
IF=0.8A, dI/dt=100A/µs
Turn-Off DelayTime
Turn-Off Fall Time
Body Diode Reverse Recovery Time
IF=0.8A, dI/dt=100A/µs
VGS=5V, VDS=10V, RL=12.5Ω,
RGEN=6Ω
Gate Source Charge
Gate Drain Charge
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The value
in any given application depends on the user's specific board design. The current rating is based on the t ≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
Rev 3 : July 2005
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO7600

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO7600 AOSMD-AO7600 Datasheet
145Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results

Similar Description - AO7600

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4622 AOSMD-AO4622 Datasheet
189Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4604 AOSMD-AO4604_09 Datasheet
343Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4609 AOSMD-AO4609 Datasheet
656Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com