Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5231 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5231
Description  Nonvolatile Memory, 1024-Position Digital Potentiometers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5231 Datasheet HTML 14Page - Analog Devices AD5231 Datasheet HTML 15Page - Analog Devices AD5231 Datasheet HTML 16Page - Analog Devices AD5231 Datasheet HTML 17Page - Analog Devices AD5231 Datasheet HTML 18Page - Analog Devices AD5231 Datasheet HTML 19Page - Analog Devices AD5231 Datasheet HTML 20Page - Analog Devices AD5231 Datasheet HTML 21Page - Analog Devices AD5231 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
REV. 0
AD5231
–18–
FLASH/EEMEM RELIABILITY
The Flash/EE Memory array on the AD5231 is fully qualified for two
key Flash/EE memory characteristics, namely Flash/EE Memory
Cycling Endurance and Flash/EE Memory Data Retention.
Endurance quantifies the ability of the Flash/EE memory to be
cycled through many Program, Read, and Erase cycles. In real
terms, a single endurance cycle is composed of four independent,
sequential events. These events are defined as:
• Initial Page Erase Sequence
• Read/Verify Sequence
• Byte Program Sequence
• Second Read/Verify Sequence
During reliability qualification Flash/EE memory is cycled from
000H to 3FFH until a first fail is recorded signifying the endurance
limit of the on-chip Flash/EE memory.
As indicated in the specification pages of this data sheet, the AD5231
Flash/EE Memory Endurance qualification has been carried out in
accordance with JEDEC Specification A117 over the industrial
temperature range of –40
°C to +85°C. The results allow the
specification of a minimum endurance figure over supply and
temperature of 100,000 cycles, with an endurance figure of
700,000 cycles being typical of operation at 25
°C.
Retention quantifies the ability of the Flash/EE memory to retain
its programmed data over time. Again, the AD5231 has been
qualified in accordance with the formal JEDEC Retention Lifetime
Specification (A117) at a specific junction temperature (TJ = 55
°C).
As part of this qualification procedure, the Flash/EE memory is
cycled to its specified endurance limit described above, before data
retention is characterized. This means that the Flash/EE memory
is guaranteed to retain its data for its full specified retention lifetime
every time the Flash/EE memory is reprogrammed. It should also
be noted that retention lifetime, based on an activation energy of
0.6 eV, will derate with TJ as shown in Figure 20. For example, the
data is retained for 100 years at 55
°C operation, but reduces to
15 years at 85
°C operation. Beyond such limit, the part must be
reprogrammed so that the data can be restored.
TJ JUNCTION TEMPERATURE – C
300
250
0
40
200
150
100
50
50
60
70
80
90
100
110
ADI TYPICAL
PERFORMANCE
AT
TJ = 55 C
Figure 20. Flash/EE Memory Data Retention
APPLICATIONS
Bipolar Operation From Dual Supplies
The AD5231 can be operated from dual supplies
±2.5 V, which
enables control of ground referenced ac signals or bipolar operation.
AC signal, as high as VDD/VSS, can be applied directly across
terminals A-B with output taking from terminal W. (See Figure
21 for a typical circuit connection.)
2.5V p-p
AD5231
VSS
GND
SDI
CLK
SS
SCLK
MOSI
GND
VDD
C
1.25V p-p
VDD
+2.5V
–2.5V
CS
D = MIDSCALE
A
W
B
Figure 21. Bipolar Operation from Dual Supplies
High Voltage Operation
The Digital Potentiometer can be placed directly in the feedback or
input path of an op amp for gain control, provided that the voltage
across terminals A-B, W-A, or W-B does not exceed |5 V|. When
high voltage gain is needed, users should set a fixed gain in an op
amp operated at +15 V, and let the digital potentiometer control
the adjustable input. Figure 22 shows a simple implementation.
R2R
5V
AD5231
A
W
B
15V
V+
V–
VO
0 TO 15V
A1
+
Figure 22. 15 V Voltage Span Control
Bipolar Programmable Gain Amplifier
There are several ways to achieve bipolar gain. Figure 23 shows one
versatile implementation. Digital potentiometer U1 sets the
adjustment range, the wiper voltage VW2 can therefore be
programmed between Vi and –KVi at a given U2 setting. For linear
adjustment, configure A2 as a noninverting amplifier and the trans-
fer function becomes:
V
V
R
R
D
KK
O
i
=+
 ×× +
()


1
2
1
1024
1
2
(4)
where:
K is the ratio of RWB/RWA which is set by U1.
D = Decimal Equivalent of the Input Code


Similar Part No. - AD5231

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5231 AD-AD5231 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5231 AD-AD5231 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD5231 AD-AD5231 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD5231 AD-AD5231 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5231 AD-AD5231 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
More results

Similar Description - AD5231

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5233 AD-AD5233 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com