Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5675ARUZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD5675ARUZ
Description  Octal, 16-Bit nanoDAC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675ARUZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5675ARUZ Datasheet HTML 6Page - Analog Devices AD5675ARUZ Datasheet HTML 7Page - Analog Devices AD5675ARUZ Datasheet HTML 8Page - Analog Devices AD5675ARUZ Datasheet HTML 9Page - Analog Devices AD5675ARUZ Datasheet HTML 10Page - Analog Devices AD5675ARUZ Datasheet HTML 11Page - Analog Devices AD5675ARUZ Datasheet HTML 12Page - Analog Devices AD5675ARUZ Datasheet HTML 13Page - Analog Devices AD5675ARUZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
AD5675
Data Sheet
Rev. C | Page 10 of 27
TYPICAL PERFORMANCE CHARACTERISTICS
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
10000
20000
30000
40000
50000
60000
70000
CODE
Figure 6. INL Error vs. Code
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
10000
20000
30000
40000
50000
60000
70000
CODE
Figure 7. DNL Error vs. Code
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0
10000
20000
30000
40000
50000
60000
70000
CODE
Figure 8. TUE vs. Code
–40
–20
0
20
40
60
80
100
120
–10
–8
–6
–4
–2
0
2
4
6
8
10
TEMPERATURE (°C)
VDD = 5V
TA = 25°C
Figure 9. INL Error vs. Temperature
–40
–20
0
20
40
60
80
100
120
–10
–8
–6
–4
–2
0
2
4
6
8
10
TEMPERATURE (°C)
VDD = 5V
TA = 25°C
Figure 10. DNL Error vs. Temperature
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VDD = 5V
TA = 25°C
Figure 11. TUE vs. Temperature


Similar Part No. - AD5675ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5675ARUZ AD-AD5675ARUZ Datasheet
884Kb / 27P
   Base station power amplifiers
AD5675ARUZ-REEL7 AD-AD5675ARUZ-REEL7 Datasheet
884Kb / 27P
   Base station power amplifiers
More results

Similar Description - AD5675ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5689 AD-AD5689_17 Datasheet
590Kb / 24P
   Dual, 16-/12-Bit nanoDAC
AD5686 AD-AD5686 Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
AD5689R AD-AD5689R_17 Datasheet
851Kb / 28P
   Dual, 16-/12-Bit nanoDAC
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5686R AD-AD5686R Datasheet
830Kb / 32P
   Quad, 16-/14-/12-Bit nanoDAC
REV. 0
AD5696R AD-AD5696R Datasheet
761Kb / 32P
   Quad 16-/14-/12-Bit nanoDAC
REV. 0
AD5623R AD-AD5623R_15 Datasheet
1Mb / 32P
   Dual 12-/14-/16-Bit nanoDAC
AD5683R AD-AD5683R Datasheet
882Kb / 28P
   Tiny 16-/14-/12-Bit SPI nanoDAC
AD5696 AD-AD5696 Datasheet
748Kb / 24P
   Quad 16-/12-Bit nanoDAC I2C Interface
AD5662BRJ-2REEL7 AD-AD5662BRJ-2REEL7 Datasheet
584Kb / 24P
   16-Bit nanoDAC in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com