Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5675 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5675
Description  Octal, 16-Bit nanoDAC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5675_18 Datasheet HTML 18Page - Analog Devices AD5675_18 Datasheet HTML 19Page - Analog Devices AD5675_18 Datasheet HTML 20Page - Analog Devices AD5675_18 Datasheet HTML 21Page - Analog Devices AD5675_18 Datasheet HTML 22Page - Analog Devices AD5675_18 Datasheet HTML 23Page - Analog Devices AD5675_18 Datasheet HTML 24Page - Analog Devices AD5675_18 Datasheet HTML 25Page - Analog Devices AD5675_18 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
AD5675
Data Sheet
Rev. C | Page 22 of 27
POWER-DOWN OPERATION
The AD5675 contains two separate power-down modes.
Command 0100 is designated for the power-down function (see
Table 9). These power-down modes are software programmable
by setting 16 bits, Bit DB15 to Bit DB0, in the input shift
register. There are two bits associated with each DAC channel.
Table 12 shows how the state of the two bits corresponds to the
mode of operation of the device.
Any or all DACs (DAC 0 to DAC 7) power down to the selected
mode by setting the corresponding bits. See Table 13 for the
contents of the input shift register during the power-down/
power-up operation.
Table 12. Modes of Operation
Operating Mode
PD1
PD0
Normal Operation
0
0
Power-Down Modes
1 kΩ to GND
0
1
Tristate
1
1
When both Bit PD1 and Bit PD0 in the input shift register are
set to 0, the device works normally with its normal power
consumption of typically 1 mA at 5 V. However, for the two
power-down modes, the supply current falls to typically 1 µA.
In addition to this fall, the output stage switches internally from
the amplifier output to a resistor network of known values.
Therefore, the DAC channel output impedance is defined when
the channel is powered down. There are two different power-
down options. The output is connected internally to GND
through either a 1 kΩ resistor, or it is left open circuited
(tristate). The output stage is shown in Figure 45.
RESISTOR
NETWORK
VOUTx
DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
Figure 45. Output Stage During Power-Down
The bias generator, output amplifier, resistor string, and other
associated linear circuitry shut down when power-down mode
is activated. However, the contents of the DAC registers are
unaffected when in power-down mode. The DAC registers can
be updated while the device is in power-down mode. The time
required to exit power-down is typically 2.5 µs for VDD = 5 V.
LOAD DAC (HARDWARE LDAC PIN)
The AD5675 DACs have a double buffered interface consisting
of two banks of registers: input registers and DAC registers.
The user can write to any combination of the input registers.
Updates to the DAC registers are controlled by the LDAC pin.
Instantaneous DAC Updating (LDAC Held Low)
For instantaneous updating of the DACs, LDAC is held low while
data is clocked into the input register using Command 0001. Both
the addressed input register and the DAC register are updated on
the 24th clock, and the output changes immediately.
Deferred DAC Updating (LDAC is Pulsed Low)
For deferred updating of the DACs, LDAC is held high while data
is clocked into the input register using Command 0001. All DAC
outputs are asynchronously updated by pulling LDAC low after the
24th clock. The update occurs on the falling edge of LDAC.
SCL
DAC
REGISTER
INTERFACE
LOGIC
AMPLIFIER
LDAC
INPUT
REGISTER
SDA
16-BIT
DAC
VOUTx
VREF
Figure 46. Simplified Diagram of Input Loading Circuitry for a Single DAC
Table 13. 24-Bit Input Shift Register Contents of Power-Down/Power-Up Operation
[DB23:DB20]
DB19
[DB18:DB16]
DAC 7
DAC 6
DAC 5
DAC 4
DAC 3
DAC 2
DAC 1
DAC 0
[DB15:DB14] [DB13:DB12] [DB11:DB10] [DB9:DB8]
[DB7:DB6]
[DB5:DB4]
[DB3:DB2]
[DB1:DB0]
0100
0
XXX1
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
1
X means don’t care.


Similar Part No. - AD5675_18

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5675ACPZ-REEL7 AD-AD5675ACPZ-REEL7 Datasheet
884Kb / 27P
   Base station power amplifiers
AD5675ARUZ AD-AD5675ARUZ Datasheet
884Kb / 27P
   Base station power amplifiers
AD5675ARUZ-REEL7 AD-AD5675ARUZ-REEL7 Datasheet
884Kb / 27P
   Base station power amplifiers
AD5675BCPZ-REEL7 AD-AD5675BCPZ-REEL7 Datasheet
884Kb / 27P
   Base station power amplifiers
AD5675BRUZ AD-AD5675BRUZ Datasheet
884Kb / 27P
   Base station power amplifiers
More results

Similar Description - AD5675_18

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5689 AD-AD5689_17 Datasheet
590Kb / 24P
   Dual, 16-/12-Bit nanoDAC
AD5686 AD-AD5686 Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
AD5689R AD-AD5689R_17 Datasheet
851Kb / 28P
   Dual, 16-/12-Bit nanoDAC
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5686R AD-AD5686R Datasheet
830Kb / 32P
   Quad, 16-/14-/12-Bit nanoDAC
REV. 0
AD5696R AD-AD5696R Datasheet
761Kb / 32P
   Quad 16-/14-/12-Bit nanoDAC
REV. 0
AD5623R AD-AD5623R_15 Datasheet
1Mb / 32P
   Dual 12-/14-/16-Bit nanoDAC
AD5683R AD-AD5683R Datasheet
882Kb / 28P
   Tiny 16-/14-/12-Bit SPI nanoDAC
AD5696 AD-AD5696 Datasheet
748Kb / 24P
   Quad 16-/12-Bit nanoDAC I2C Interface
AD5662BRJ-2REEL7 AD-AD5662BRJ-2REEL7 Datasheet
584Kb / 24P
   16-Bit nanoDAC in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com