Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA8622AP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AA8622AP
Description  Dual Video Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AA8622AP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AA8622AP Datasheet HTML 1Page - List of Unclassifed Manufacturers AA8622AP Datasheet HTML 2Page - List of Unclassifed Manufacturers AA8622AP Datasheet HTML 3Page - List of Unclassifed Manufacturers AA8622AP Datasheet HTML 4Page - List of Unclassifed Manufacturers AA8622AP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2005/7/5
5
Agamem Electronics Inc.
AA8622AP
PRELIMINARY
Dual Video Amplifier
TSSOP 8L PACKAGE DIMENSION
NOTES:
1. Package body sizes exclude mold flash protrusions or gate burrs
2. Tolerance ± 0.1 ㎜ (4 mil) unless otherwise specified
3. Coplanarity:0.1 ㎜
4. Controlling dimension is millimeter converted inch dimensions are not necessarily exact
5. Followed from jedec mo-153
DIMENSIONS IN MILLIMETERS DIMENSIONS IN INCHES
SYMBOLS
MIN
NOM
MAX
MIN
NOM
MAX
A
- - -
- - -
1.20
- - -
- - -
0.048
A1
0.05
- - -
0.15
0.002
- - -
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
- - -
0.30
0.007
- - -
0.012
C
0.09
- - -
0.20
0.004
- - -
0.008
D
2.90
3.00
3.10
0.114
0.118
0.122
E
6.20
6.40
6.60
0.244
0.252
0.260
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
- - -
0.65
- - -
- - -
0.026
- - -
L
0.45
0.60
0.75
0.018
0.024
0.030
y
- - -
- - -
0.10
- - -
- - -
0.004
θ
- - -
- - -


Similar Part No. - AA8622AP

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA8622AP AGAMEM-AA8622AP Datasheet
218Kb / 5P
   Dual Video Amplifier
More results

Similar Description - AA8622AP

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA8622 AGAMEM-AA8622 Datasheet
47Kb / 1P
   Dual Video Amplifier
AA8632 AGAMEM-AA8632 Datasheet
185Kb / 8P
   Dual Video Amplifier
AA8622AP AGAMEM-AA8622AP Datasheet
218Kb / 5P
   Dual Video Amplifier
logo
Unisonic Technologies
V2267 UTC-V2267_15 Datasheet
307Kb / 9P
   DUAL VIDEO 6dB AMPLIFIER
V2267 UTC-V2267 Datasheet
231Kb / 9P
   DUAL VIDEO 6dB AMPLIFIER
logo
Maxim Integrated Produc...
MAX457 MAXIM-MAX457 Datasheet
160Kb / 4P
   Dual CMOS Video Amplifier
Rev 0; 2/89
logo
Texas Instruments
CLC5622 TI1-CLC5622 Datasheet
1Mb / 23P
[Old version datasheet]   Dual, High Output, Video Amplifier
logo
National Semiconductor ...
CLC5602 NSC-CLC5602 Datasheet
182Kb / 12P
   Dual, High Output, Video Amplifier
logo
Agamem Microelectronic ...
AA8642 AGAMEM-AA8642 Datasheet
168Kb / 8P
   Dual Video Amplifier with LPF
logo
Renesas Technology Corp
HA5023 RENESAS-HA5023 Datasheet
806Kb / 17P
   Dual 125MHz Video CurrentFeedback Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com