Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC2343257D Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSC2343257D
Description  4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSC2343257D Datasheet(HTML) 1 Page - OKI electronic componets

  MSC2343257D Datasheet HTML 1Page - OKI electronic componets MSC2343257D Datasheet HTML 2Page - OKI electronic componets MSC2343257D Datasheet HTML 3Page - OKI electronic componets MSC2343257D Datasheet HTML 4Page - OKI electronic componets MSC2343257D Datasheet HTML 5Page - OKI electronic componets MSC2343257D Datasheet HTML 6Page - OKI electronic componets MSC2343257D Datasheet HTML 7Page - OKI electronic componets MSC2343257D Datasheet HTML 8Page - OKI electronic componets MSC2343257D Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor
MSC2343257D-xxBS8/DS8
4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
This version:
Mar. 8. 1999
DESCRIPTION
The MSC2343257D-xxBS8/DS8 is a fully decoded, 4,194,304-word x 32-bit CMOS dynamic random access
memory module composed of eight 16Mb DRAMs (4Mx4) in SOJ packages mounted with eight decoupling
capacitors on a 72-pin glass epoxy single in-line package. This module supports any application where high density
and large capacity of storage memory are required.
FEATURES
· 4,194,304-word x 32-bit organization
· 72-pin Single In-Line Memory Module
MSC2343257D-xxBS8 : Gold tab
MSC2343257D-xxDS8 : Solder tab
· Single +5V supply ± 10% tolerance
· Input
: TTL compatible
· Output
: TTL compatible, 3-state
· Refresh
: 2048cycles/32ms
· /CAS before /RAS refresh, hidden refresh, /RAS only refresh capability
· Fast page mode with EDO capability
· Multi-bit test mode capability
PRODUCT FAMILY
Access Time (Max.)
Power Dissipation
Family
tRAC
tAA
tCAC
Cycle
Time
(Min.)
Operating (Max.)
Standby (Max.)
MSC2343257D-60BS8/DS8
60ns
30ns
15ns
104ns
4840mW
MSC2343257D-70BS8/DS8
70ns
35ns
20ns
124ns
4400mW
44mW


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn