Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26PC05SMT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 26PC05SMT
Description  Microstructure Pressure Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

26PC05SMT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  26PC05SMT Datasheet HTML 1Page - List of Unclassifed Manufacturers 26PC05SMT Datasheet HTML 2Page - List of Unclassifed Manufacturers 26PC05SMT Datasheet HTML 3Page - List of Unclassifed Manufacturers 26PC05SMT Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Microstructure Pressure Sensors
26PC SMT (1 psi, 5 psi, 15 psi)
26PC SMT Series
www.honeywell.com/sensing
Honeywell
• Sensing and Control 3
MOUNTING DIMENSIONS mm[in] (for reference only)
6,10
[0.240]
7,11
[0.280]
5,08
[0.200]
1,02
[0.040]
3
4
2
1
10,41
[0.41]
4,83
[0.190]
2,74
[0.108]
1,91
[0.075]
5,08
[0.200]
3,81
[0.15]
2X 0,94
[0.037]
7,87
[0.31]
2X 1,40
[0.055]
0,13
[0.005]
0,41
[0.016]
P2
P1
3,18
[0.125]
2X
0,86
[0.034]
2X
1,88
[0.074]
SUGGESTED LAND PATTERN
CIRCUIT DIAGRAM
OUTPUT VOLTAGE
5,08
[0.200]
2X
0,99
[0.039]
4X 1,83
[0.072]
6,73
[0.265]
11,23
[0.442]
1
Vcc
2
OUTPUT
A
3
GND
4
OUTPUT
B
Output A increases as P2
pressure increases.
Output B decreases as P2
pressure increases.


Similar Part No. - 26PC05SMT

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
26PC05K0D2 SENSORTECHNICS-26PC05K0D2 Datasheet
55Kb / 4P
   Temp. compensated and calibrated pressure sensors
26PC05K0D2A10 SENSORTECHNICS-26PC05K0D2A10 Datasheet
55Kb / 4P
   Temp. compensated and calibrated pressure sensors
26PC05K0D6 SENSORTECHNICS-26PC05K0D6 Datasheet
55Kb / 4P
   Temp. compensated and calibrated pressure sensors
26PC05K0D6A10 SENSORTECHNICS-26PC05K0D6A10 Datasheet
55Kb / 4P
   Temp. compensated and calibrated pressure sensors
26PC05K0G2 SENSORTECHNICS-26PC05K0G2 Datasheet
55Kb / 4P
   Temp. compensated and calibrated pressure sensors
More results

Similar Description - 26PC05SMT

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HPX100AS HONEYWELL-ACC-HPX100AS Datasheet
300Kb / 4P
   Microstructure Pressure Sensors
logo
Honeywell Solid State E...
ASCX HONEYWELL-ASCX Datasheet
318Kb / 4P
   Microstructure Pressure Sensors
SX100GSMT HONEYWELL-SX100GSMT Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX30AD4 HONEYWELL-SX30AD4 Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX7001D HONEYWELL-SX7001D Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com