Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1680856 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 1680856
Description  Sensor/actuator box - SACB-4Q/4P-L-SC NPN
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1680856 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1680856 Datasheet HTML 1Page - PHOENIX CONTACT 1680856 Datasheet HTML 2Page - PHOENIX CONTACT 1680856 Datasheet HTML 3Page - PHOENIX CONTACT 1680856 Datasheet HTML 4Page - PHOENIX CONTACT 1680856 Datasheet HTML 5Page - PHOENIX CONTACT 1680856 Datasheet HTML 6Page - PHOENIX CONTACT 1680856 Datasheet HTML 7Page - PHOENIX CONTACT 1680856 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
https://www.phoenixcontact.com/us/products/1680856
12/2/13   Page 2 / 8
Sensor/actuator box - SACB-4Q/4P-L-SC NPN - 1680856
Technical data
General
Sensor/actuator connection system
QUICKON
Ambient conditions
Degree of protection
IP65
IP67
Ambient temperature (operation)
-25 °C ... 60 °C
Local diagnostics function
Local diagnostics
Supply voltage Green LED
Status display I/O Yellow LED
Master cable data/connection data
Connection method
Spring-cage conn.
Conductor cross section min. (signal)
0.14 mm²
Conductor cross section max. (signal)
1 mm²
Conductor cross section AWG min. (signal)
26
Conductor cross section AWG max. (signal)
18
Stripping length (signal)
10 mm
Conductor cross section min. (energy)
0.2 mm²
Conductor cross section max. (energy)
1.5 mm²
Conductor cross section AWG min. (energy)
24
Conductor cross section AWG max. (energy)
16
External cable diameter min.
6.5 mm
External cable diameter max.
9.5 mm
Stripping length
70 mm (Master cable)
Tightening torque, union nut
2.5 Nm
Conductor data
Structure of individual litz in acc. with VDE 0295 / smallest wire diameter
Class 2-6 // 0.34 mm²: 0.1 mm; 0.5 - 0.75 mm²: 0.15 mm
Wire insulation material
PVC/PE
Wire diameter including insulation
≤ 2.5 mm
Minimum external conductor diameter
4 mm
Maximum external conductor diameter
7.5 mm
Tightening torque, union nut
2.5 Nm
Wrench size, union nut
22 mm
Note on the frequency of connections
if the conductor is connected more than once, seal and cap may need to
be replaced.
Conductor cross section stranded min.
0.34 mm²
Conductor cross section stranded max.
0.75 mm²
Conductor cross section AWG/kcmil min.
22


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn