Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1680856 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part No. 1680856
Description  Sensor/actuator box - SACB-4Q/4P-L-SC NPN
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1680856 Datasheet(HTML) 7 Page - PHOENIX CONTACT

  1680856 Datasheet HTML 1Page - PHOENIX CONTACT 1680856 Datasheet HTML 2Page - PHOENIX CONTACT 1680856 Datasheet HTML 3Page - PHOENIX CONTACT 1680856 Datasheet HTML 4Page - PHOENIX CONTACT 1680856 Datasheet HTML 5Page - PHOENIX CONTACT 1680856 Datasheet HTML 6Page - PHOENIX CONTACT 1680856 Datasheet HTML 7Page - PHOENIX CONTACT 1680856 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
https://www.phoenixcontact.com/us/products/1680856
12/2/13   Page 7 / 8
Sensor/actuator box - SACB-4Q/4P-L-SC NPN - 1680856
Accessories
Socket spanner
Socket wrench - QSS 22 - 1670206
Allen wrench, for loosening and fastening the QUICKON union nut, WAF 22 mm
 
 
Drawings
Schematic diagram
4
3
1
5
QUICKON connection, 4-pos.
Circuit diagram
0V
U
N
1
2
6
7
8
6/4
7/4
8/4
2/4
1/4
4
4
4
4
4
1
1
1
1
1
3
3
3
3
3
5
5
5
5
5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn