Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1680856 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part No. 1680856
Description  Sensor/actuator box - SACB-4Q/4P-L-SC NPN
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1680856 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1680856 Datasheet HTML 1Page - PHOENIX CONTACT 1680856 Datasheet HTML 2Page - PHOENIX CONTACT 1680856 Datasheet HTML 3Page - PHOENIX CONTACT 1680856 Datasheet HTML 4Page - PHOENIX CONTACT 1680856 Datasheet HTML 5Page - PHOENIX CONTACT 1680856 Datasheet HTML 6Page - PHOENIX CONTACT 1680856 Datasheet HTML 7Page - PHOENIX CONTACT 1680856 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
https://www.phoenixcontact.com/us/products/1680856
12/2/13   Page 5 / 8
Sensor/actuator box - SACB-4Q/4P-L-SC NPN - 1680856
Approvals
cULus Recognized 
Accessories
Accessories
Cable by the meter
Master cable ring - SACB- 4X0,34/ 3X0,75-50,0 PUR - 1503328
Master cable for sensor/actuator boxes, with PE conductor, unshielded, material PUR/PVC, 7-pos., 4 x 0.34 mm² and 3 x
0.75 mm²
 
 
Device marking
Zack marker strip - ZBN 18:UNBEDRUCKT - 2809128
Zack marker strip, Strip, white, Unlabeled, Can be labeled with: Plotter, Mounting type: Snap into tall marker groove, For
terminal block width: 18 mm, Lettering field: 18 x 5 mm
 
 
Pressure nut
Screw connection set - Q SET-11/4 COD1 SACB-Q - 1670743
QUICKON set for replacement purposes, consisting of pressure nut, cap, line seal and splice ring
 
 
Protective cap


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn