Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC2343257A Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSC2343257A
Description  4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC2343257A Datasheet(HTML) 1 Page - OKI electronic componets

  MSC2343257A Datasheet HTML 1Page - OKI electronic componets MSC2343257A Datasheet HTML 2Page - OKI electronic componets MSC2343257A Datasheet HTML 3Page - OKI electronic componets MSC2343257A Datasheet HTML 4Page - OKI electronic componets MSC2343257A Datasheet HTML 5Page - OKI electronic componets MSC2343257A Datasheet HTML 6Page - OKI electronic componets MSC2343257A Datasheet HTML 7Page - OKI electronic componets MSC2343257A Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
¡ Semiconductor
MSC2343257A-xxBS8/DS8
101
¡ Semiconductor
MSC2343257A-xxBS8/DS8
4,194,304-Word
¥ 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
DESCRIPTION
The Oki MSC2343257A-xxBS8/DS8 is a fully decoded 4,194,304-word ¥ 32-bit CMOS dynamic
random access memory composed of eight 16-Mb DRAMs (4M ¥ 4) in SOJ. The mounting of eight
DRAMs together with decoupling capacitors on a 72-pin glass epoxy SIMM Package supports
any application where high density and large capacity of storage memory are required.
FEATURES
• 4,194,304-word ¥ 32-bit organization
• 72-pin SIMM
MSC2343257A-xxBS8
: Gold tab
MSC2343257A-xxDS8 : Solder tab
• Single 5 V supply
±10% tolerance
• Input
: TTL compatible
• Output : TTL compatible, 3-state, nonlatch
• Refresh : 2048 cycles/32 ms
• CAS before RAS refresh, CAS before RAS hidden refresh, RAS-only refresh capability
• Multi-bit test mode capability
• Fast Page Mode with EDO capability
PRODUCT FAMILY
Family
Access Time (Max.)
Cycle Time
(Min.)
Power Dissipation
Operating (Max.) Standby (Max.)
tRAC
MSC2343257A-70BS8/DS8
4840 mW
44 mW
tAA
tCAC
70 ns
35 ns
20 ns
130 ns
MSC2343257A-60BS8/DS8
5280 mW
60 ns
30 ns
15 ns
110 ns


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn