Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC2343257A Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MSC2343257A
Description  4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC2343257A Datasheet(HTML) 5 Page - OKI electronic componets

  MSC2343257A Datasheet HTML 1Page - OKI electronic componets MSC2343257A Datasheet HTML 2Page - OKI electronic componets MSC2343257A Datasheet HTML 3Page - OKI electronic componets MSC2343257A Datasheet HTML 4Page - OKI electronic componets MSC2343257A Datasheet HTML 5Page - OKI electronic componets MSC2343257A Datasheet HTML 6Page - OKI electronic componets MSC2343257A Datasheet HTML 7Page - OKI electronic componets MSC2343257A Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1
¡ Semiconductor
MSC2343257A-xxBS8/DS8
105
DC Characteristics
All other pins not
Parameter
MSC2343257A
Unit
Condition
Input Leakage Current
Note
ILI
µA
1, 2
(VCC = 5 V ±10%, Ta = 0°C to 70°C)
Symbol
0 V £ VI £ 6.5 V;
under test = 0 V
DOUT disable
0 V £ VO £ 5.5 V
IOH = –5.0 mA
IOL = 4.2 mA
RAS, CAS cycling,
tRC = Min.
RAS, CAS = VIH
RAS, CAS
≥ VCC –0.2 V
RAS cycling,
CAS = VIH,
tRC = Min.
RAS cycling,
CAS before RAS,
tRC = Min.
RAS = VIL,
CAS cycling,
tHPC = Min.
Output Leakage Current
Output High Voltage
Output Low Voltage
Average Power
Supply Current
(Operating)
Power Supply
Current (Standby)
Supply Current
(RAS-only Refresh)
Average Power
Supply Current
(CAS before RAS Refresh)
Average Power
Supply Current
(Fast Page Mode)
Average Power
ILO
VOH
VOL
ICC1
ICC2
ICC3
ICC6
ICC7
µA
V
V
mA
mA
mA
mA
mA
mA
Min.
–80
–10
2.4
0
Max.
80
10
VCC
0.4
880
16
8
880
880
1040
1
1
1, 2
1, 2
1, 3
-70BS8/DS8
Min.
–80
–10
2.4
0
Max.
80
10
VCC
0.4
960
16
8
960
960
1120
MSC2343257A
-60BS8/DS8
Notes:
1. ICC Max. is specified as ICC for output open condition.
2. Address can be changed once or less while RAS=VIL.
3. Address can be changed once or less while CAS=VIH.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn