Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC2343257A Datasheet(PDF) 2 Page - OKI electronic componets

Part No. MSC2343257A
Description  4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC2343257A Datasheet(HTML) 2 Page - OKI electronic componets

  MSC2343257A Datasheet HTML 1Page - OKI electronic componets MSC2343257A Datasheet HTML 2Page - OKI electronic componets MSC2343257A Datasheet HTML 3Page - OKI electronic componets MSC2343257A Datasheet HTML 4Page - OKI electronic componets MSC2343257A Datasheet HTML 5Page - OKI electronic componets MSC2343257A Datasheet HTML 6Page - OKI electronic componets MSC2343257A Datasheet HTML 7Page - OKI electronic componets MSC2343257A Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MSC2343257A-xxBS8/DS8
¡ Semiconductor
102
PIN CONFIGURATION
MSC2343257A-xxBS8/DS8
Pin No. Pin Name
Pin No. Pin Name
Pin No. Pin Name
1VSS
16
A4
31
A8
Pin No. Pin Name
46
NC
Pin No.
Pin Name
67
PD1
Pin No. Pin Name
61
DQ13
2
DQ0
17
A5
32
A9
47
WE
62
DQ30
3
DQ16
18
A6
33
NC
48
NC
63
DQ14
4
DQ1
19
A10
34
RAS2
49
DQ8
64
DQ31
5
DQ17
20
DQ4
35
NC
50
DQ24
65
DQ15
6
DQ2
21
DQ20
36
NC
51
DQ9
66
NC
7
DQ18
22
DQ5
37
NC
52
DQ25
67
PD1
8
DQ3
23
DQ21
38
NC
53
DQ10
68
PD2
9
DQ19
24
DQ6
39
VSS
54
DQ26
69
PD3
10
VCC
25
DQ22
40
CAS0
55
DQ11
70
PD4
11
NC
26
DQ7
41
CAS2
56
DQ27
71
NC
12
A0
27
DQ23
42
CAS3
57
DQ12
72
VSS
13
A1
28
A7
43
CAS1
58
DQ28
14
A2
29
NC
44
RAS0
59
VCC
15
A3
30
Vcc
45
NC
60
DQ29
68
PD2
69
PD3
70
PD4
-70BS8/DS8
VSS
NC
VSS
NC
-60BS8/DS8
VSS
NC
NC
NC
MSC2343257A
MSC2343257A
Presence Detect Pins
Typ.
10.16
Typ.
6.35
101.19 Typ.
3.38 ±0.2
107.95 ±0.2
6.35 Typ.
1.04 Typ.
95.25
2.03 Typ.
3.7 Min.
1.27
+0.1
–0.08
5.28 Max.
3.18
φ
1.27 ±0.1
72
1
* 1
6.35
*1 The common size difference of the board width 12.5 mm of its height is
specified as ±0.2. The value above 12.5 mm is specified as ±0.5.
25.4 ±0.2
R1.57
(Unit : mm)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn