Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A25L80P Datasheet(PDF) 4 Page - AMIC Technology

Part No. A25L80P
Description  8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMICC [AMIC Technology]
Homepage  http://www.amictechnology.com
Logo 

A25L80P Datasheet(HTML) 4 Page - AMIC Technology

 
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
A25L80P
PRELIMINARY
(May 2005, Version 0.0)
3
AMIC Technology Corp.
SIGNAL DESCRIPTION
Serial Data Output (Q).
This output signal is used to transfer
data serially out of the device. Data is shifted out on the falling
edge of Serial Clock (C).
Serial Data Input (D).
This input signal is used to transfer data
serially into the device. It receives instructions, addresses, and
the data to be programmed. Values are latched on the rising
edge of Serial Clock (C).
Serial Clock (C).
This input signal provides the timing of the
serial interface. Instructions, addresses, or data present at
Serial Data Input (D) are latched on the rising edge of Serial
Clock (C). Data on Serial Data Output (Q) changes after the
falling edge of Serial Clock (C).
Chip Select ( S ). When this input signal is High, the device is
deselected and Serial Data Output (Q) is at high impedance.
Unless an internal Program, Erase or Write Status Register
cycle is in progress, the device will be in the Standby mode
(this is not the Deep Power-down mode). Driving Chip Select
(
S ) Low enables the device, placing it in the active power
mode.
After Power-up, a falling edge on Chip Select (
S ) is required
prior to the start of any instruction.
Hold ( HOLD ). The Hold (
HOLD ) signal is used to pause any
serial communications with the device without deselecting the
device.
During the Hold condition, the Serial Data Output (Q) is high
impedance, and Serial Data Input (D) and Serial Clock (C) are
Don’t Care. To start the Hold condition, the device must be
selected, with Chip Select (
S ) driven Low.
Write Protect (
W ). The main purpose of this input signal is to
freeze the size of the area of memory that is protected against
program or erase instructions (as specified by the values in the
BP2, BP1 and BP0 bits of the Status Register).
SPI MODES
These devices can be driven by a microcontroller with its SPI
peripheral running in either of the two following modes:
– CPOL=0, CPHA=0
– CPOL=1, CPHA=1
For these two modes, input data is latched in on the rising edge
of Serial Clock (C), and output data is available from the falling
edge of Serial Clock (C).
The difference between the two modes, as shown in Figure 2,
is the clock polarity when the bus master is in Stand-by mode
and not transferring data:
– C remains at 0 for (CPOL=0, CPHA=0)
– C remains at 1 for (CPOL=1, CPHA=1)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn