Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A25L80P Datasheet(PDF) 3 Page - AMIC Technology

Part No. A25L80P
Description  8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMICC [AMIC Technology]
Homepage  http://www.amictechnology.com
Logo 

A25L80P Datasheet(HTML) 3 Page - AMIC Technology

 
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
A25L80P
PRELIMINARY
(May 2005, Version 0.0)
2
AMIC Technology Corp.
Block Diagram
Control Logic
High Voltage
Generator
I/C Shift Register
Address register
and Counter
256 Byte
Data Buffer
Status
Register
X Decoder
256 Byte (Page Size)
Size of the
read-only
memory area
D
Q
C
000FFh
00000h
HOLD
W
S
FFFFFh
Pin Descriptions
Pin No.
Description
C
Serial Clock
D
Serial Data Input
Q
Serial Data Output
S
Chip Select
W
Write Protect
HOLD
Hold
Vcc
Supply Voltage
Vss
Ground
Logic Symbol
A25L80P
Q
D
S
W
HOLD
V
SS
V
CC
C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn