Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

A25L80P Datasheet(PDF) 2 Page - AMIC Technology

Part No. A25L80P
Description  8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMICC [AMIC Technology]
Homepage  http://www.amictechnology.com
Logo 

A25L80P Datasheet(HTML) 2 Page - AMIC Technology

 
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
A25L80P
8 Mbit, Low Voltage, Serial Flash Memory
Preliminary
With 50 MHz SPI Bus Interface
PRELIMINARY
(May 2005, Version 0.0)
1
AMIC Technology Corp.
FEATURES
8 Mbit of Flash Memory
Flexible Sector Architecture (4/4/8/16/32)KB/64x15 KB
Bulk Erase (8 Mbit) in 10s (typical)
Sector Erase (512 Kbit) in 1s (typical)
Page Program (up to 256 Bytes) in 3ms (typical)
2.7 to 3.6V Single Supply Voltage
SPI Bus Compatible Serial Interface
50MHz Clock Rate (maximum)
Deep Power-down Mode 1µA (typical)
Electronic Signature
- JEDEC Standard (13h)
GENERAL DESCRIPTION
The A25L80P is an 8 Mbit (1M x 8) Serial Flash Memory, with
advanced write protection mechanisms, accessed by a high
speed SPI-compatible bus.
The memory can be programmed 1 to 256 bytes at a time,
using the Page Program instruction.
The memory is organized as 16 sectors, each containing 256
pages. Each page is 256 bytes wide. Thus, the whole memory
can be viewed as consisting of 4096 pages, or 1,048,576
bytes.
The whole memory can be erased using the Bulk Erase
instruction, or a sector at a time, using the Sector Erase
instruction.
Pin Configurations
SO8 Connections
SO16 Connections
V
CC
C
DU
Q
S
HOLD
V
SS
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
A25L80P
V
CC
C
Q
D
S
W
HOLD
V
SS
1
8
2
7
3
6
4
5
A25L80P
DU
DU
DU
D
DU
DU
DU
DU
W
Note:
DU = Do not Use


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn