Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A25L80P Datasheet(PDF) 14 Page - AMIC Technology

Part # A25L80P
Description  8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L80P Datasheet(HTML) 14 Page - AMIC Technology

Back Button A25L80P Datasheet HTML 10Page - AMIC Technology A25L80P Datasheet HTML 11Page - AMIC Technology A25L80P Datasheet HTML 12Page - AMIC Technology A25L80P Datasheet HTML 13Page - AMIC Technology A25L80P Datasheet HTML 14Page - AMIC Technology A25L80P Datasheet HTML 15Page - AMIC Technology A25L80P Datasheet HTML 16Page - AMIC Technology A25L80P Datasheet HTML 17Page - AMIC Technology A25L80P Datasheet HTML 18Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
A25L80P
PRELIMINARY
(May 2005, Version 0.0)
13
AMIC Technology Corp.
Read Data Bytes (READ)
The device is first selected by driving Chip Select ( S ) Low. The
instruction code for the Read Data Bytes (READ) instruction is
followed by a 3-byte address (A23-A0), each bit being
latched-in during the rising edge of Serial Clock (C). Then the
memory contents, at that address, is shifted out on Serial Data
Output (Q), each bit being shifted out, at a maximum frequency
fR, during the falling edge of Serial Clock (C).
The instruction sequence is shown in Figure 8. The first byte
addressed can be at any location. The address is automatically
incremented to the next higher address after each byte of data
is shifted out. The whole memory can, therefore, be read with a
single Read Data Bytes (READ) instruction. When the highest
address is reached, the address counter rolls over to 000000h,
allowing the read sequence to be continued indefinitely.
The Read Data Bytes (READ) instruction is terminated by
driving Chip Select ( S ) High. Chip Select ( S ) can be driven
High at any time during data output. Any Read Data Bytes
(READ) instruction, while an Erase, Program or Write cycle is
in progress, is rejected without having any effects on the cycle
that is in progress.
Figure 8. Read Data Bytes (READ) Instruction Sequence and Data-Out Sequence
S
C
D
Q
Instruction
High Impedance
MSB
MSB
810
9
01 2 3 4
5 6 7
Data Out 1
Data Out 2
24-Bit Address
28 29 30 31 32 33 34 35 36 37 38 39
23 22 21
3 21 0
7
6 54 32 10
7


Similar Part No. - A25L80P

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L010 AMICC-A25L010 Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L010-F AMICC-A25L010-F Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L010-M AMICC-A25L010-M Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L010-MF AMICC-A25L010-MF Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L010-MU AMICC-A25L010-MU Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
More results

Similar Description - A25L80P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
   16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
Numonyx B.V
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
   64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16_07 Datasheet
486Kb / 55P
   16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
logo
Numonyx B.V
M25P40 NUMONYX-M25P40 Datasheet
1,016Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
M25P80 NUMONYX-M25P80 Datasheet
994Kb / 52P
   8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
218Kb / 35P
   8 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
logo
Numonyx B.V
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
   1 Mbit, serial Flash memory, 50 MHz SPI bus interface
M25P128 NUMONYX-M25P128 Datasheet
862Kb / 45P
   128 Mbit (Multilevel), low-voltage, Serial Flash memory with 50-MHz SPI bus interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
563Kb / 41P
   8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
August 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com