Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A25L80P Datasheet(PDF) 1 Page - AMIC Technology

Part No. A25L80P
Description  8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMICC [AMIC Technology]
Homepage  http://www.amictechnology.com
Logo 

A25L80P Datasheet(HTML) 1 Page - AMIC Technology

 
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
A25L80P
8 Mbit, Low Voltage, Serial Flash Memory
Preliminary
With 50 MHz SPI Bus Interface
PRELIMINARY
(May, 2005, Version 0.0)
AMIC Technology Corp.
Document Title
8 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
Revision History
Rev. No.
History
Issue Date
Remark
0.0
Initial issue
May 30, 2005


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn