Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NFSL757DT-V1M3 Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part No. NFSL757DT-V1M3
Description  WHITE LED
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NICHIA [NICHIA CORPORATION]
Homepage  http://www.nichia.co.jp
Logo 

NFSL757DT-V1M3 Datasheet(HTML) 3 Page - NICHIA CORPORATION

 
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NICHIA STS-DA1-3084C <Cat.No.160129>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
2.4
3.3
V
Luminous Flux
P8
18.0
21.4
lm
P7
15.1
18.0
P6
12.7
15.1
Color Ranks
Rank sw27
Rank sw30
x
0.4373
0.4562
0.4813
0.4593
x
0.4147
0.4299
0.4562
0.4373
y
0.3893
0.4260
0.4319
0.3944
y
0.3814
0.4165
0.4260
0.3893
Rank sw35
Rank sw40
x
0.3898
0.3996
0.4299
0.4147
x
0.3670
0.3736
0.3996
0.3898
y
0.3716
0.4015
0.4165
0.3814
y
0.3578
0.3874
0.4015
0.3716
* Ranking at TS=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Flux Tolerance: ±5%
* Chromaticity Coordinate Tolerance: ±0.003
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn