Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NFSL757DT-V1M3 Datasheet(PDF) 14 Page - NICHIA CORPORATION

Part No. NFSL757DT-V1M3
Description  WHITE LED
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NICHIA [NICHIA CORPORATION]
Homepage  http://www.nichia.co.jp
Logo 

NFSL757DT-V1M3 Datasheet(HTML) 14 Page - NICHIA CORPORATION

 
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
NICHIA STS-DA1-3084C <Cat.No.160129>
13
RELIABILITY
(1) Tests and Results
Test
Reference
Standard
Test Conditions
Test
Duration
Failure
Criteria
#
Units
Failed/Tested
Resistance to
Soldering Heat
(Reflow Soldering)
JEITA ED-4701
300 301
Tsld=260°C, 10sec, 2reflows,
Precondition: 30°C, 70%RH, 168hr
#1
0/22
Solderability
(Reflow Soldering)
JEITA ED-4701
303 303A
Tsld=245±5°C, 5sec,
Lead-free Solder(Sn-3.0Ag-0.5Cu)
#2
0/22
Temperature Cycle
JEITA ED-4701
100 105
-40°C(30min)~25°C(5min)~
100°C(30min)~25°C(5min)
100cycles
#1
0/50
Moisture Resistance
(Cyclic)
JEITA ED-4701
200 203
25°C~65°C~-10°C, 90%RH,
24hr per cycle
10cycles
#1
0/22
High Temperature
Storage
JEITA ED-4701
200 201
TA=100°C
1000hours
#1
0/22
Temperature Humidity
Storage
JEITA ED-4701
100 103
TA=60°C, RH=90%
1000hours
#1
0/22
Low Temperature
Storage
JEITA ED-4701
200 202
TA=-40°C
1000hours
#1
0/22
Room Temperature
Operating Life
Condition 1
TA=25°C, IF=65mA
Test board: See NOTES below
1000hours
#1
0/22
Room Temperature
Operating Life
Condition 2
TA=25°C, IF=180mA
Test board: See NOTES below
500hours
#1
0/22
High Temperature
Operating Life
TA=100°C, IF=70mA
Test board: See NOTES below
1000hours
#1
0/22
Temperature Humidity
Operating Life
60°C, RH=90%, IF=65mA
Test board: See NOTES below
500hours
#1
0/22
Low Temperature
Operating Life
TA=-40°C, IF=65mA
Test board: See NOTES below
1000hours
#1
0/22
Vibration
JEITA ED-4701
400 403
200m/s
2, 100~2000~100Hz,
4cycles, 4min, each X, Y, Z
48minutes
#1
0/22
Electrostatic Discharges
JEITA ED-4701
300 304
HBM, 2kV, 1.5kΩ, 100pF, 3pulses,
alternately positive or negative
#1
0/22
Soldering Joint Shear
Strength
JEITA ED-4702B
002 3
5N, 10±1sec
#1
0/22
NOTES:
1) Test board: FR4 board thickness=1.6mm, copper layer thickness=0.07mm, RθJA≈76°C/W
2) Measurements are performed after allowing the LEDs to return to room temperature.
(2) Failure Criteria
Criteria #
Items
Conditions
Failure Criteria
#1
Forward Voltage(VF)
IF=65mA
>U.S.L.×1.1
Luminous Flux(Φ
V)
IF=65mA
<L.S.L.×0.7
#2
Solderability
-
Less than 95% solder coverage
U.S.L. : Upper Specification Limit
L.S.L. : Lower Specification Limit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn